Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS1101 Datasheet (PDF) - List of Unclassifed Manufacturers

CS1101 Datasheet PDF - List of Unclassifed Manufacturers
Part # CS1101
Download  CS1101 Download
File Size   129.12 Kbytes
Page   1 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description CIT SWITCH

CS1101 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS1101 Datasheet PDF - List of Unclassifed Manufacturers

Part # CS1101
Download  CS1101 Click to download

File Size   129.12 Kbytes
Page   1 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description CIT SWITCH

CS1101 Datasheet (HTML) - List of Unclassifed Manufacturers


CS1101 Product details

[CIT SWITCH]

SPECIFICATIONS
   Electrical Ratings           50mA @ 48VDC
   Electrical Life                 100,000 cycles typical
   Contact Resistance       < 50 mΩ initial
   Actuation Force             180 +/- 50gF
   Actuator Travel .            25 +/- .1mm
   Dielectric Strength         1000Vrms min
   Insulation Resistance    > 100MΩ min
   Operating Temperature -40°C to 85°C
   Storage Temperature    -40°C to 85°C




Similar Part No. - CS1101

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
CS1101 CIT-CS1101 Datasheet
114Kb / 1P
DIMENSIONS SCHEMATIC & PC LAYOUT
CS11014.3 CIT-CS11014.3 Datasheet
114Kb / 1P
DIMENSIONS SCHEMATIC & PC LAYOUT
CS11015.0 CIT-CS11015.0 Datasheet
114Kb / 1P
DIMENSIONS SCHEMATIC & PC LAYOUT
More results


Similar Description - CS1101

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
A41AS3VDC CIT-A41AS3VDC Datasheet
190Kb / 2P
CIT SWITCH
A61AS6VDC.9 CIT-A61AS6VDC.9 Datasheet
144Kb / 2P
CIT SWITCH
A111AS12VDC.60 CIT-A111AS12VDC.60 Datasheet
183Kb / 2P
CIT SWITCH
ANP11F4B CIT-ANP11F4B Datasheet
374Kb / 7P
CIT SWITCH
BNP10SBQ CIT-BNP10SBQ Datasheet
295Kb / 5P
CIT SWITCH
BTNXC CIT-BTNXC Datasheet
345Kb / 5P
CIT SWITCH
CH1NAS CIT-CH1NAS Datasheet
182Kb / 2P
CIT SWITCH
CS1211 CIT-CS1211 Datasheet
111Kb / 1P
CIT SWITCH
J0982AS3VDC.60 CIT-J0982AS3VDC.60 Datasheet
166Kb / 2P
CIT SWITCH
J0991AS3VDC.45 CIT-J0991AS3VDC.45 Datasheet
173Kb / 2P
CIT SWITCH
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com