Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS1101 Datasheet (PDF) - CIT Relay & Switch

CS1101 Datasheet PDF - CIT Relay & Switch
Part # CS1101
Download  CS1101 Download
File Size   114.08 Kbytes
Page   1 Pages
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch
Description DIMENSIONS SCHEMATIC & PC LAYOUT

CS1101 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS1101 Datasheet PDF - CIT Relay & Switch

Part # CS1101
Download  CS1101 Click to download

File Size   114.08 Kbytes
Page   1 Pages
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch
Description DIMENSIONS SCHEMATIC & PC LAYOUT

CS1101 Datasheet (HTML) - CIT Relay & Switch


CS1101 Product details

SPECIFICATIONS
   Electrical Ratings           50mA @ 48VDC
   Electrical Life                 100,000 cycles typical
   Contact Resistance       < 50 mΩ initial
   Actuation Force             180 +/- 50gF
   Actuator Travel              .25 +/- .1mm
   Dielectric Strength         1000Vrms min
   Insulation Resistance    > 100MΩ min
   Operating Temperature -40°C to 85°C
   Storage Temperature    -40°C to 85°C




Similar Part No. - CS1101

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CS1101 ETC-CS1101 Datasheet
129Kb / 1P
CIT SWITCH
CS11014.3 ETC-CS11014.3 Datasheet
129Kb / 1P
CIT SWITCH
CS11015.0 ETC-CS11015.0 Datasheet
129Kb / 1P
CIT SWITCH
More results


Similar Description - CS1101

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
CS1205 CIT-CS1205 Datasheet
171Kb / 1P
CIT SWITCH DIMENSIONS SCHEMATIC & PC LAYOUT
CS1206 CIT-CS1206 Datasheet
143Kb / 1P
CIT SWITCH DIMENSIONS SCHEMATIC & PC LAYOUT
logo
List of Unclassifed Man...
CS1204 ETC1-CS1204 Datasheet
117Kb / 1P
CIT RELAY&SWITCH DIMENSIONS SCHEMATIC & PC LAYOUT
logo
CIT Relay & Switch
CR1102H CIT-CR1102H Datasheet
123Kb / 1P
SCHEMATIC, PC LAYOUT, & DIMENSIONS
CR1102V CIT-CR1102V Datasheet
135Kb / 1P
PC LAYOUT, SCHEMATIC, & DIMENSIONS
CS1110 CIT-CS1110 Datasheet
186Kb / 2P
DIMENSIONS SCHEMATIC & PC LAYOUT
CS1207 CIT-CS1207 Datasheet
138Kb / 2P
DIMENSIONS SCHEMATIC & PC LAYOUT
logo
Wolfson Microelectronic...
WM7210-1702-MS5-M-REV1 WOLFSON-WM7210-1702-MS5-M-REV1 Datasheet
167Kb / 8P
Schematic and Layout
logo
Silicon Laboratories
AN383 SILABS-AN383 Datasheet
1Mb / 69P
Si47XX ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
AN400 SILABS-AN400 Datasheet
1Mb / 20P
Si474X ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
More results




About CIT Relay & Switch


CIT Relay & Switch is a leading manufacturer of electromechanical and electronic components for a variety of industries, including automotive, consumer electronics, telecommunications, and medical. The company was founded in 1965 and is headquartered in Minnesota, USA.

CIT Relay & Switch offers a wide range of products, including relays, switches, and custom solutions. Their relay products include general purpose relays, power relays, signal relays, and automotive relays, while their switch products include tact switches, rocker switches, pushbutton switches, and rotary switches.

CIT Relay & Switch's custom solutions are designed to meet the unique needs of their customers. Their engineering team works closely with customers to understand their requirements and develop customized solutions that meet their specific needs.

The company is committed to delivering high-quality products and services to their customers. They have a strong focus on research and development and invest heavily in new technologies to improve the performance and reliability of their products.

Overall, CIT Relay & Switch is a trusted provider of high-quality electromechanical and electronic components for a variety of industries. Their commitment to innovation, quality, and customer service has earned them a strong reputation in the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com