Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3932 Datasheet (PDF) - Linear Technology

LT3932 Datasheet PDF - Linear Technology
Part # LT3932
Download  LT3932 Download
File Size   1173.97 Kbytes
Page   30 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description 36V, 2A Synchronous Step-Down LED Driver

LT3932 Datasheet (PDF)

Go To PDF Page Download Datasheet
LT3932 Datasheet PDF - Linear Technology

Part # LT3932
Download  LT3932 Click to download

File Size   1173.97 Kbytes
Page   30 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description 36V, 2A Synchronous Step-Down LED Driver

LT3932 Datasheet (HTML) - Linear Technology




Similar Part No. - LT3932

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LT3932 AD-LT3932 Datasheet
2Mb / 28P
60V, 3A Silent Switcher Synchronous, Step-Up LED Driver
LT3932 AD-LT3932 Datasheet
1Mb / 22P
36V, 4A Synchronous Step-Down LED Driver with Silent Switcher
LT3932 AD-LT3932 Datasheet
683Kb / 8P
LT3932 36V, 2A Synchronous Buck LED Driver
LT3932-1 AD-LT3932-1 Datasheet
2Mb / 28P
60V, 3A Silent Switcher Synchronous, Step-Up LED Driver
LT3932-1 AD-LT3932-1 Datasheet
1Mb / 22P
36V, 4A Synchronous Step-Down LED Driver with Silent Switcher
More results


Similar Description - LT3932

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LT3922EUFD LINEAR-LT3922EUFD Datasheet
2Mb / 30P
36V, 2A Synchronous Step-Up LED Driver
logo
Monolithic Power System...
MP4420 MPS-MP4420 Datasheet
748Kb / 20P
High Efficiency 2A, 36V, Synchronous Step Down Converter
MP4420A MPS-MP4420A Datasheet
1Mb / 20P
2A, 36V, High-Efficiency, Synchronous, Step-Down Converter
MP4420H MPS-MP4420H Datasheet
768Kb / 20P
High Efficiency 2A, 36V, Synchronous Step-Down Converter
MP2410 MPS-MP2410 Datasheet
511Kb / 17P
24V, 2A, 1MHz, Synchronous, Step-Down LED Driver
MP2410A MPS-MP2410A Datasheet
1Mb / 17P
24V, 2A, 1MHz, Synchronous, Step-Down, LED Driver
logo
Linear Technology
LT3922 LINER-LT3922 Datasheet
895Kb / 8P
36V 2A Synchronous 2MHz Boost LED Driver
logo
Monolithic Power System...
EV4420H-J-00A MPS-EV4420H-J-00A Datasheet
442Kb / 8P
2A, 36V, Synchronous Step Down Converter Evaluation Board
EV4420H-J-01A MPS-EV4420H-J-01A Datasheet
450Kb / 8P
2A, 36V, Synchronous Step Down Converter Evaluation Board
EV4420-J-00A MPS-EV4420-J-00A Datasheet
891Kb / 8P
2A, 36V, Synchronous Step Down Converter
More results




About Linear Technology


Linear Technology was a publicly traded company that designed, manufactured, and marketed a wide range of analog integrated circuits (ICs) for applications in industrial, automotive, communications, and computing industries.
The company was founded in 1981 and was headquartered in Milpitas, California.
Linear Technology was acquired by Analog Devices, Inc. in 2017.
Linear Technology was known for its high-performance analog ICs, including amplifiers, voltage regulators, data converters, power management ICs, and interface products.
The company's products were designed for use in a variety of applications, including automotive, industrial, and energy management systems, among others.
With a focus on innovation and customer satisfaction, Linear Technology was committed to providing its customers with high-quality, reliable solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com