Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3932 Datasheet (PDF) - Analog Devices

LT3932 Datasheet PDF - Analog Devices
Part # LT3932
Download  LT3932 Download
File Size   683.72 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LT3932 36V, 2A Synchronous Buck LED Driver

LT3932 Datasheet (PDF)

Go To PDF Page Download Datasheet
LT3932 Datasheet PDF - Analog Devices

Part # LT3932
Download  LT3932 Click to download

File Size   683.72 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LT3932 36V, 2A Synchronous Buck LED Driver

LT3932 Datasheet (HTML) - Analog Devices


LT3932 Product details

DESCRIPTION
Demonstration circuit DC2286A is a 36V, 2A synchronous
2MHz buck LED driver featuring the LT®3932. It drives
one or two series LEDs at 1A when VIN is between 9V
and 36V, and can run down to 4VIN with a single LED
(if UVLO is adjusted). DC2286A runs at 2MHz switching
frequency. Spread spectrum frequency modulation
(SSFM) can be enabled with a simple jumper, reducing
EMI. DC2286A comes with low EMI features including
optimized layout, SSFM, and input and output filters. It
passes CISPR 25 class 5 conducted and radiated EMI. It
is protected against both open and short LED conditions
and reports the faults.
The LT3932 has an input voltage range from 9V to 36V. It
has internal, synchronous 40V switches for high efficiency
and small size. It has an adjustable switching frequency
between 200kHz and 2MHz. It can be synchronized to an
external source or programmed with SSFM for low EMI.
The PWMTG high-side PWM MOSFET driver assists with
short-circuit protection and versatility. Although the demo
circuit is optimized for one or two LEDs, it can be altered
to have as high as 33V of LEDs if VIN is high-enough and
circuit components are changed appropriately.
The LT3932 can be PWM dimmed with an external PWM
signal or an internally-generated PWM signal. DC2286A
has a jumper that can be set to switch between internallygenerated
PWM signal, externally-generated PWM signal,
and no PWM signal (100% on). It can be analog dimmed
with a control voltage on its control pin.
When run with both PWM dimming and spread spectrum,
the spread spectrum aligns itself with the PWM signal for
flicker-free operation.
Small ceramic input and output capacitors are used to
save space and cost. The board is designed with tiny,
high frequency capacitors on both sides of the VOUT pins
for a reduction in radiated EMI. The open LED overvoltage
protection uses the IC’s constant voltage regulation
loop to regulate the output to approximately 7V if the LED
string is opened. There is a protection diode from LED+
to GND to prevent negative ringing during a short-circuit.
The output current can be monitored through the ISMON
output pin.
Undervoltage lockout can be adjusted on the circuit with
a few simple resistor choices.
There is an EMI filter on the input of DC2286A. There is
also a small ferrite bead output filter. These filters, combined
with proper board layout and SSFM are effective
to help the PCB pass CISPR 25 class 5 conducted and
radiated EMI. Please follow the recommend layout and
four-layer thickness of DC2286A for low EMI applications.
The LT3932 data sheet gives a complete description of
the part, operation and applications information. The data
sheet must be read in conjunction with this Demo Manual
for demonstration circuit DC2286A. The LT3932EUFD is
assembled in a 28-lead plastic 4mm × 5mm QFN package
with a thermally enhanced ground pad. Proper board layout
is essential for maximum thermal performance. See
the data sheet section "Layout Considerations".




Similar Part No. - LT3932

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3932 LINER-LT3932 Datasheet
1Mb / 30P
36V, 2A Synchronous Step-Down LED Driver
logo
Analog Devices
LT3932 AD-LT3932 Datasheet
2Mb / 28P
60V, 3A Silent Switcher Synchronous, Step-Up LED Driver
LT3932 AD-LT3932 Datasheet
1Mb / 22P
36V, 4A Synchronous Step-Down LED Driver with Silent Switcher
logo
Linear Technology
LT3932-1 LINER-LT3932-1 Datasheet
1Mb / 30P
36V, 2A Synchronous Step-Down LED Driver
logo
Analog Devices
LT3932-1 AD-LT3932-1 Datasheet
2Mb / 28P
60V, 3A Silent Switcher Synchronous, Step-Up LED Driver
More results


Similar Description - LT3932

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM20242 NSC-LM20242 Datasheet
465Kb / 20P
36V, 2A PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
LM20242 NSC-LM20242_08 Datasheet
466Kb / 20P
36V, 2A PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
logo
Microchip Technology
MCP14628 MICROCHIP-MCP14628 Datasheet
435Kb / 24P
2A Synchronous Buck Power MOSFET Driver
2008
logo
Texas Instruments
LM20242 TI1-LM20242_14 Datasheet
1Mb / 28P
36V, 2A PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
logo
Linear Integrated Syste...
LT3922EUFD LINEAR-LT3922EUFD Datasheet
2Mb / 30P
36V, 2A Synchronous Step-Up LED Driver
logo
Linear Technology
LT3922 LINER-LT3922 Datasheet
895Kb / 8P
36V 2A Synchronous 2MHz Boost LED Driver
LT3932 LINER-LT3932 Datasheet
1Mb / 30P
36V, 2A Synchronous Step-Down LED Driver
LT3964 LINER-LT3964 Datasheet
3Mb / 36P
Dual 36V Synchronous 1.6A Buck LED Driver with I2C
logo
Major-Power Technology ...
MA5611 MPOWER-MA5611 Datasheet
396Kb / 7P
36V Synchronous Buck Converter
logo
Infineon Technologies A...
IRS25411S INFINEON-IRS25411S Datasheet
1Mb / 19P
Synchronous buck LED driver
Datasheet 2 0.0 2019-02-06
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com