Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3964 Datasheet (PDF) - Linear Technology

LT3964 Datasheet PDF - Linear Technology
Part # LT3964
Download  LT3964 Download
File Size   3725.99 Kbytes
Page   36 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description Dual 36V Synchronous 1.6A Buck LED Driver with I2C

LT3964 Datasheet (PDF)

Go To PDF Page Download Datasheet
LT3964 Datasheet PDF - Linear Technology

Part # LT3964
Download  LT3964 Click to download

File Size   3725.99 Kbytes
Page   36 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description Dual 36V Synchronous 1.6A Buck LED Driver with I2C

LT3964 Datasheet (HTML) - Linear Technology




Similar Part No. - LT3964

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LT3964 AD-LT3964 Datasheet
1Mb / 22P
I2C to CAN-Physical Transceiver
02/21-REV.A
LT3964 AD-LT3964 Datasheet
2Mb / 36P
I2C Programmable Quad Monolithic Boost LED Driver
LT3964 AD-LT3964 Datasheet
1Mb / 22P
I2C to CAN-Physical Transceiver
Rev. B
More results


Similar Description - LT3964

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL8806Q DIODES-AL8806Q Datasheet
661Kb / 13P
HIGH EFFICIENCY 30V 1.6A AUTOMOTIVE GRADE BUCK LED DRIVER
Rev 1
logo
Linear Integrated Syste...
LT3922EUFD LINEAR-LT3922EUFD Datasheet
2Mb / 30P
36V, 2A Synchronous Step-Up LED Driver
logo
Diodes Incorporated
AL8806 DIODES-AL8806_13 Datasheet
468Kb / 15P
HIGH EFFICIENCY 36V 1.5A BUCK LED DRIVER
Rev 5
logo
Linear Technology
LT3922 LINER-LT3922 Datasheet
895Kb / 8P
36V 2A Synchronous 2MHz Boost LED Driver
LT3932 LINER-LT3932 Datasheet
1Mb / 30P
36V, 2A Synchronous Step-Down LED Driver
logo
Major-Power Technology ...
MA5603 MPOWER-MA5603 Datasheet
412Kb / 9P
Synchronous Buck for LED Driver
MA5609 MPOWER-MA5609 Datasheet
472Kb / 9P
36V Synchronous Buck Converter
MA5611 MPOWER-MA5611 Datasheet
396Kb / 7P
36V Synchronous Buck Converter
logo
Analog Devices
LT3922-1 AD-LT3922-1 Datasheet
3Mb / 32P
36V, 2.3A Synchronous Step-Up LED Driver
logo
Infineon Technologies A...
IRS25411S INFINEON-IRS25411S Datasheet
1Mb / 19P
Synchronous buck LED driver
Datasheet 2 0.0 2019-02-06
More results




About Linear Technology


Linear Technology was a publicly traded company that designed, manufactured, and marketed a wide range of analog integrated circuits (ICs) for applications in industrial, automotive, communications, and computing industries.
The company was founded in 1981 and was headquartered in Milpitas, California.
Linear Technology was acquired by Analog Devices, Inc. in 2017.
Linear Technology was known for its high-performance analog ICs, including amplifiers, voltage regulators, data converters, power management ICs, and interface products.
The company's products were designed for use in a variety of applications, including automotive, industrial, and energy management systems, among others.
With a focus on innovation and customer satisfaction, Linear Technology was committed to providing its customers with high-quality, reliable solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com