Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX7032 Datasheet (PDF) - Maxim Integrated Products

MAX7032 Datasheet PDF - Maxim Integrated Products
Part # MAX7032
Download  MAX7032 Download
File Size   449.3 Kbytes
Page   32 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Cost, Crystal-Based, Programmable, ASK/FSK Transceiver with Fractional-N PLL

MAX7032 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX7032 Datasheet PDF - Maxim Integrated Products

Part # MAX7032
Download  MAX7032 Click to download

File Size   449.3 Kbytes
Page   32 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Cost, Crystal-Based, Programmable, ASK/FSK Transceiver with Fractional-N PLL

MAX7032 Datasheet (HTML) - Maxim Integrated Products


MAX7032 Product details

General Description
The MAX7032 crystal-based, fractional-N transceiver is designed to transmit and receive ASK/OOK or FSK data in the 300MHz to 450MHz frequency range with data rates up to 33kbps (Manchester encoded) or 66kbps (NRZ encoded). This device generates a typical output power of +10dBm into a 50Ω load, and exhibits typical sensitivities of -114dBm for ASK data and -110dBm for FSK data. The MAX7032 features separate transmit and receive pins (PAOUT and LNAIN) and provides an internal RF switch that can be used to connect the transmit and receive pins to a common antenna.

Features
♦ +2.1V to +3.6V or +4.5V to +5.5V Single-Supply
   Operation
♦ Single Crystal Transceiver
♦ User-Adjustable 300MHz to 450MHz Carrier
   Frequency
♦ ASK/OOK and FSK Modulation
♦ User-Adjustable FSK Frequency Deviation
   Through Fractional-N PLL Register
♦ Agile Transmitter Frequency Synthesizer with
   fXTAL/4096 Carrier-Frequency Spacing
♦ +10dBm Output Power into 50Ω Load
♦ Integrated TX/RX Switch
♦ Integrated Transmit and Receive PLL, VCO, and
   Loop Filter
♦ > 45dB Image Rejection
♦ Typical RF Sensitivity*
   ASK: -114dBm
   FSK: -110dBm
♦ Selectable IF Bandwidth with External Filter
♦ RSSI Output with High Dynamic Range
♦ Autopolling Low-Power Management
♦ < 12.5mA Transmit-Mode Current
♦ < 6.7mA Receive-Mode Current
♦ < 23.5µA Polling-Mode Current
♦ < 800nA Shutdown Current
♦ Fast-On Startup Feature, < 250µs
♦ Small 32-Pin, Thin QFN Package

Applications
   2-Way Remote Keyless Entry
   Security Systems
   Home Automation
   Remote Controls
   Remote Sensing
   Smoke Alarms
   Garage Door Openers
   Local Telemetry Systems




Similar Part No. - MAX7032

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7032 MAXIM-MAX7032 Datasheet
320Kb / 32P
Low-Cost, Crystal-Based, Programmable, ASK/FSK Transceiver with Fractional-N PLL
Rev 1; 6/09
MAX7032 MAXIM-MAX7032 Datasheet
298Kb / 32P
Low-Cost, Crystal-Based, Programmable, ASK/FSK Transceiver with Fractional-N PLL
Rev 2; 11/10
MAX7032ATJ MAXIM-MAX7032ATJ Datasheet
320Kb / 32P
Low-Cost, Crystal-Based, Programmable, ASK/FSK Transceiver with Fractional-N PLL
Rev 1; 6/09
MAX7032ATJ+ MAXIM-MAX7032ATJ+ Datasheet
298Kb / 32P
Low-Cost, Crystal-Based, Programmable, ASK/FSK Transceiver with Fractional-N PLL
Rev 2; 11/10
MAX7032 MAXIM-MAX7032_09 Datasheet
320Kb / 32P
Low-Cost, Crystal-Based, Programmable, ASK/FSK Transceiver with Fractional-N PLL
Rev 1; 6/09
More results


Similar Description - MAX7032

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7030 MAXIM-MAX7030 Datasheet
735Kb / 20P
Low-Cost, 315MHz, 345MHz, and 433.92MHz ASK Transceiver with Fractional-N PLL
Rev 0; 5/05
MAX7031 MAXIM-MAX7031 Datasheet
651Kb / 19P
Low-Cost, 308MHz, 315MHz, and 433.92MHz FSK Transceiver with Fractional-N PLL
Rev 0; 5/05
MAX7030 MAXIM-MAX7030_09 Datasheet
245Kb / 20P
Low-Cost, 315MHz, 345MHz, and 433.92MHz ASK Transceiver with Fractional-N PLL
Rev 2; 6/09
MAX7031 MAXIM-MAX7031_09 Datasheet
220Kb / 20P
Low-Cost, 308MHz, 315MHz, and 433.92MHz FSK Transceiver with Fractional-N PLL
Rev 2; 6/09
MAX7032 MAXIM-MAX7032_09 Datasheet
320Kb / 32P
Low-Cost, Crystal-Based, Programmable, ASK/FSK Transceiver with Fractional-N PLL
Rev 1; 6/09
MAX7030 MAXIM-MAX7030_10 Datasheet
243Kb / 20P
Low-Cost, 315MHz, 345MHz, and 433.92MHz ASK Transceiver with Fractional-N PLL
Rev 3; 11/10
MAX7031 MAXIM-MAX7031_10 Datasheet
234Kb / 20P
Low-Cost, 308MHz, 315MHz, and 433.92MHz FSK Transceiver with Fractional-N PLL
Rev 3; 11/10
MAX7032 MAXIM-MAX7032_10 Datasheet
298Kb / 32P
Low-Cost, Crystal-Based, Programmable, ASK/FSK Transceiver with Fractional-N PLL
Rev 2; 11/10
MAX7030_V4 MAXIM-MAX7030_V4 Datasheet
281Kb / 20P
Low-Cost, 315MHz and 433.92MHz ASK Transceiver with Fractional-N PLL
Rev 4; 6/12
MAX7031MATJ50 MAXIM-MAX7031MATJ50 Datasheet
234Kb / 20P
FSK Transceiver with Fractional-N PLL
Rev 3; 11/10
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com