Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX7031MATJ50 Datasheet (PDF) - Maxim Integrated Products

MAX7031MATJ50 Datasheet PDF - Maxim Integrated Products
Part # MAX7031MATJ50
Download  MAX7031MATJ50 Download
File Size   234.03 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description FSK Transceiver with Fractional-N PLL

MAX7031MATJ50 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX7031MATJ50 Datasheet PDF - Maxim Integrated Products

Part # MAX7031MATJ50
Download  MAX7031MATJ50 Click to download

File Size   234.03 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description FSK Transceiver with Fractional-N PLL

MAX7031MATJ50 Datasheet (HTML) - Maxim Integrated Products


MAX7031MATJ50 Product details

General Description

The MAX7031 crystal-based, fractional-N transceiver is designed to transmit and receive FSK data at factory preset carrier frequencies of 308MHz†, 315MHz, or 433.92MHz with data rates up to 33kbps (Manchester encoded) or 66kbps (NRZ encoded). This device generates a typical output power of +10dBm into a 50Ω load, and exhibits typical sensitivity of -110dBm. The MAX7031 features separate transmit and receive pins (PAOUT and LNAIN) and provides an internal RF switch that can be used to connect the transmit and receive pins to a common antenna.



Features

♦ +2.1V to +3.6V or +4.5V to +5.5V Single-Supply Operation

♦ Single-Crystal Transceiver

♦ Factory-Preset Frequency (No Serial Interface Required)

♦ FSK Modulation

♦ Factory-Preset FSK Frequency Deviation

♦ +10dBm Output Power into 50Ω Load

♦ Integrated TX/RX Switch

♦ Integrated Transmit and Receive PLL, VCO, and Loop Filter

♦ > 45dB Image Rejection

♦ Typical RF Sensitivity*: -110dBm

♦ Selectable IF Bandwidth with External Filter

♦ RSSI Output with High Dynamic Range

♦ < 12.5mA Transmit-Mode Current

♦ < 6.7mA Receive-Mode Current

♦ < 800nA Shutdown Current

♦ Fast-On Startup Feature, < 250µs

♦ Small, 32-Pin, Thin QFN Package




Similar Part No. - MAX7031MATJ50

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7031 MAXIM-MAX7031 Datasheet
651Kb / 19P
Low-Cost, 308MHz, 315MHz, and 433.92MHz FSK Transceiver with Fractional-N PLL
Rev 0; 5/05
MAX7031 MAXIM-MAX7031 Datasheet
220Kb / 20P
Low-Cost, 308MHz, 315MHz, and 433.92MHz FSK Transceiver with Fractional-N PLL
Rev 2; 6/09
MAX7031 MAXIM-MAX7031 Datasheet
234Kb / 20P
Low-Cost, 308MHz, 315MHz, and 433.92MHz FSK Transceiver with Fractional-N PLL
Rev 3; 11/10
MAX7031ATJ MAXIM-MAX7031ATJ Datasheet
651Kb / 19P
Low-Cost, 308MHz, 315MHz, and 433.92MHz FSK Transceiver with Fractional-N PLL
Rev 0; 5/05
MAX7031 MAXIM-MAX7031_09 Datasheet
220Kb / 20P
Low-Cost, 308MHz, 315MHz, and 433.92MHz FSK Transceiver with Fractional-N PLL
Rev 2; 6/09
More results


Similar Description - MAX7031MATJ50

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7032 MAXIM-MAX7032 Datasheet
449Kb / 32P
Low-Cost, Crystal-Based, Programmable, ASK/FSK Transceiver with Fractional-N PLL
Rev 0; 5/05
MAX7031 MAXIM-MAX7031 Datasheet
651Kb / 19P
Low-Cost, 308MHz, 315MHz, and 433.92MHz FSK Transceiver with Fractional-N PLL
Rev 0; 5/05
MAX7031 MAXIM-MAX7031_09 Datasheet
220Kb / 20P
Low-Cost, 308MHz, 315MHz, and 433.92MHz FSK Transceiver with Fractional-N PLL
Rev 2; 6/09
MAX7032 MAXIM-MAX7032_09 Datasheet
320Kb / 32P
Low-Cost, Crystal-Based, Programmable, ASK/FSK Transceiver with Fractional-N PLL
Rev 1; 6/09
MAX7031 MAXIM-MAX7031_10 Datasheet
234Kb / 20P
Low-Cost, 308MHz, 315MHz, and 433.92MHz FSK Transceiver with Fractional-N PLL
Rev 3; 11/10
MAX7032 MAXIM-MAX7032_10 Datasheet
298Kb / 32P
Low-Cost, Crystal-Based, Programmable, ASK/FSK Transceiver with Fractional-N PLL
Rev 2; 11/10
logo
Hittite Microwave Corpo...
HMC767LP6CE HITTITE-HMC767LP6CE Datasheet
1Mb / 8P
FRACTIONAL-N PLL WITH
HMC769LP6CE HITTITE-HMC769LP6CE Datasheet
1Mb / 8P
FRACTIONAL-N PLL WITH
HMC778LP6CE HITTITE-HMC778LP6CE Datasheet
1Mb / 8P
FRACTIONAL-N PLL WITH
logo
Asahi Kasei Microsystem...
AK1574 AKM-AK1574 Datasheet
2Mb / 66P
46.875-1682.5MHz Fractional-N PLL with integrated VCO and FM/FSK modulator
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com