Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4380 Datasheet (PDF) - Linear Technology

LTC4380 Datasheet PDF - Linear Technology
Part # LTC4380
Download  LTC4380 Download
File Size   281.31 Kbytes
Page   6 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description Low Quiescent Current Surge Stopper

LTC4380 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC4380 Datasheet PDF - Linear Technology

Part # LTC4380
Download  LTC4380 Click to download

File Size   281.31 Kbytes
Page   6 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description Low Quiescent Current Surge Stopper

LTC4380 Datasheet (HTML) - Linear Technology




Similar Part No. - LTC4380

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC4380 AD-LTC4380 Datasheet
1Mb / 22P
100V UV/OV and Reverse Protection Controller with Bidirectional Circuit Breaker
06/19-REV.B
LTC4380 AD-LTC4380 Datasheet
1Mb / 30P
Fast 150V Protected High Side NMOS Static Switch Driver
03/20-REV.E
LTC4380 AD-LTC4380 Datasheet
631Kb / 24P
Surge Stopper with Fault Latchoff
4/19-REV.D
LTC4380 AD-LTC4380 Datasheet
2Mb / 24P
Low Quiescent Current Surge Stopper with 9m廓 MOSFET
LTC4380 AD-LTC4380 Datasheet
1Mb / 22P
65V Dual Electronic Circuit Breaker with Current Monitors
More results


Similar Description - LTC4380

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT4356MP-1 LINER-LT4356MP-1 Datasheet
206Kb / 20P
Surge Stopper
LT4356-1 LINER-LT4356-1_15 Datasheet
241Kb / 26P
Surge Stopper
LT4356-2 LINER-LT4356-2_15 Datasheet
241Kb / 26P
Surge Stopper
LT4356MP-1 LINER-LT4356MP-1_15 Datasheet
235Kb / 24P
Surge Stopper
LT4356MP-2 LINER-LT4356MP-2_15 Datasheet
235Kb / 24P
Surge Stopper
LT4363 LINER-LT4363_15 Datasheet
254Kb / 24P
High Voltage Surge Stopper with Current Limit
logo
Linear Integrated Syste...
LT4356-1 LINEAR-LT4356-1 Datasheet
241Kb / 26P
Surge Stopper
logo
Linear Technology
LT4363-1 LINER-LT4363-1 Datasheet
399Kb / 8P
High Voltage Surge Stopper with Current Limit
logo
Analog Devices
LT4356-1 AD-LT4356-1 Datasheet
476Kb / 26P
Surge Stopper
01/20-REV.C
LTC4381 AD-LTC4381 Datasheet
2Mb / 24P
Low Quiescent Current Surge Stopper with 9m廓 MOSFET
More results




About Linear Technology


Linear Technology was a publicly traded company that designed, manufactured, and marketed a wide range of analog integrated circuits (ICs) for applications in industrial, automotive, communications, and computing industries.
The company was founded in 1981 and was headquartered in Milpitas, California.
Linear Technology was acquired by Analog Devices, Inc. in 2017.
Linear Technology was known for its high-performance analog ICs, including amplifiers, voltage regulators, data converters, power management ICs, and interface products.
The company's products were designed for use in a variety of applications, including automotive, industrial, and energy management systems, among others.
With a focus on innovation and customer satisfaction, Linear Technology was committed to providing its customers with high-quality, reliable solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com