Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4380 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4380
Description  Low Quiescent Current Surge Stopper
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4380 Datasheet(HTML) 2 Page - Linear Technology

  LTC4380 Datasheet HTML 1Page - Linear Technology LTC4380 Datasheet HTML 2Page - Linear Technology LTC4380 Datasheet HTML 3Page - Linear Technology LTC4380 Datasheet HTML 4Page - Linear Technology LTC4380 Datasheet HTML 5Page - Linear Technology LTC4380 Datasheet HTML 6Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
dc2178af
DEMO MANUAL DC2178A
operating characteristics
DANGER! High voltage testing shall be performed by
qualified personnel only. As a safety precaution at least
two people shall be present during high voltage testing.
Board Layout
DC2178A is a 2 layer board. There are planes for input,
output and ground; these are replicated on both layers.
There are exposed conductors on the bottom of the board,
and any banana plugs present will protrude through the
bottom of the board. The underlying surface should be
non-conductive and clear of any wire, solder and other
conductive debris.
The input plane is designed to have at least 79 mil (2mm)
clearance to adjacent conductors, to support 80VDC
standoff and transients to 250V. Spikes and surges are
withstoodbyR1,RDRN,CSNUBandQ1.Thesecomponents
are chosen for wide pad spacing, pulse power capability
and voltage standoff, but ultimately limit the maximum
transient input voltage to approximately 250V. The time
spent above 80V is limited by the pulse power capability
of Q1 and R1.
Operation
DC2178A is designed for 12V operation with a load of up
to 1A, and 24V or 28V operation with a load of up to 0.5A.
JP1 selects an output clamping voltage of either 27V or
45V. For 24V and 28V supplies use a clamping voltage
of 45V; 12V supplies may use either 27V or 45V. If the
load tolerates the higher voltage, 45V clamping is better
than 27V in 12V applications because it reduces the drop
across the MOSFET (Q1) and therefore the safe operating
area stress, giving longer ride-through time during an
overvoltage condition.
Q1 is selected to ride through load dump events (such as
ISO 16750-2 Test A) with full load in 12V (1A) and 24V/28V
(0.5A) systems. Ride through is also permissible at 1A
for a 250V input transient of up to 1ms.
Upto80VDCcanbeappliedtotheinput.Thecircuitwilltrip
off after a delay of approximately 350ms for 1A load and
a 27V clamp, or 800ms for a 0.5A load and a 45V clamp.
The TMR pin charging current is a function of the power
dissipated in Q1 so that the exact delay time is a function
of the input voltage, output voltage and load current.
The LTC4380 features current limiting, which is set with
RSNS (40mΩ) to a value of 1.25A. Current limit does not
change with operating voltage or clamping voltage selec-
tion. If the output is shorted so that the output voltage falls
to 2V or less, current limit increases to 1.55A. In current
limit, the LTC4380 trips off after a delay that varies as a
function of the dissipation in Q1.
WhiletheLTC4380isdesignedtowithstandreverseinputs
of up to −60V, DC2178A does not tolerate negative-going
events because Q1’s body diode will pass the negative
voltage straight through to the output and load. Nega-
tive inputs are easily blocked by the addition of a series
input diode, or by adding a second MOSFET as shown in
Figures 5 and 7 of the LTC4380 data sheet.
The LTC4380-1/LTC4380-2 VCC pin is rated at 80V maxi-
mum.PowerisappliedfromtheinputtotheVCCpinthrough
a 20kΩ resistor (R1), filtered by a 2.2μF capacitor (C1A),
andclampedbyD1to68V.Thisarrangementofferstwokey
benefits. First, C1 filters the VCC pin to maintain operation
duringbriefinputdropoutsandtofilterovervoltagespikes.
Second, during load dump in 24V/28V applications VCC is
clamped by D1 to keep the VCC pin safely below 80V. D1
is unnecessary in 12V applications because the filtering
action provided by C1 is sufficient to keep the VCC pin
below 80V, even in load dump.
12V Cold Crank Operation
An FDB33N25 was chosen for MOSFET Q1 to satisfy two
requirements: ability to block load dump (≈200V) in 28V
systems; and wide safe operating area for uninterrupted
operation during load dump events. The penalty for these
features is a high threshold voltage of 5V maximum at
ID = 250μA and 25°C, with no guarantees at temperature
extremes. R1 was chosen to limit the peak current in D1
to a safe level with 250V peak input voltage, but it also
reduces the VCC voltage below the input under normal
conditions. Q1 and R1 impact cold crank operation in
12V systems.
The LTC4380 is designed to deliver 10V of gate drive with
VCC > 8V, and 5V with VCC between 4V and 8V, guaranteed
over temperature. Thus, the FDB33N25 is incompatible
with operation in the 4V to 8V range, although typical
DC2178A assemblies can deliver 500mA load current



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com