Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI74ALVCH16952 Datasheet (PDF) - Pericom Semiconductor Corporation

PI74ALVCH16952 Datasheet PDF - Pericom Semiconductor Corporation
Part # PI74ALVCH16952
Download  PI74ALVCH16952 Download
File Size   304.55 Kbytes
Page   5 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description 16-Bit Registered Transceiver With 3-STATE Outputs

PI74ALVCH16952 Datasheet (PDF)

Go To PDF Page Download Datasheet
PI74ALVCH16952 Datasheet PDF - Pericom Semiconductor Corporation

Part # PI74ALVCH16952
Download  PI74ALVCH16952 Click to download

File Size   304.55 Kbytes
Page   5 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description 16-Bit Registered Transceiver With 3-STATE Outputs

PI74ALVCH16952 Datasheet (HTML) - Pericom Semiconductor Corporation


PI74ALVCH16952 Product details

Product Description
Pericom Semiconductors PI74ALVCH series of logic circuits are produced using the Companys advanced 0.5 micron CMOS technology, achieving industry leading speed.

Product Features
• PI74ALVCH16952 is designed for low voltage operation
• VCC = 2.3V to 3.6V
• Hysteresis on all inputs
• Typical VOLP (Output Ground Bounce)
    < 0.8V at VCC = 3.3V, TA = 25°C
• Typical VOHV (Output VOH Undershoot)
    < 2.0V at VCC = 3.3V, TA = 25°C
• Bus Hold retains last active bus state during 3-STATE eliminating the need for external pullup resistors
• Industrial operation at -40°C to +85°C
• Packages available:
    - 48-pin 240 mil wide plastic TSSOP (A)
    - 48-pin 300 mil wide plastic SSOP (V)




Similar Part No. - PI74ALVCH16952

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74ALVCH162244 PERICOM-PI74ALVCH162244 Datasheet
417Kb / 4P
16-Bit Buffer Driver with 3-STATE Outputs
PI74ALVCH162260 PERICOM-PI74ALVCH162260 Datasheet
253Kb / 5P
12-Bit To 24-Bit Multiplexed D-Type Latch with 3-STATE Outputs
PI74ALVCH1622601 PERICOM-PI74ALVCH1622601 Datasheet
231Kb / 5P
18-Bit Universal Bus Transceiver With 3-State Outputs
PI74ALVCH162268 PERICOM-PI74ALVCH162268 Datasheet
257Kb / 6P
12-Bit To 24-Bit Registered Bus Exchanger
PI74ALVCH16244 PERICOM-PI74ALVCH16244 Datasheet
130Kb / 5P
16-Bit Buffer Driver with 3-State Outputs
More results


Similar Description - PI74ALVCH16952

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVCH16543 TI-SN74ALVCH16543 Datasheet
165Kb / 11P
16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC16543 TI-SN74LVC16543 Datasheet
124Kb / 8P
16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCH16543A TI-SN74LVCH16543A Datasheet
168Kb / 11P
16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ABT16543 FAIRCHILD-74ABT16543 Datasheet
72Kb / 7P
16-Bit Registered Transceiver with 3-STATE Outputs
74ABT16952 FAIRCHILD-74ABT16952 Datasheet
82Kb / 7P
16-Bit Registered Transceiver with 3-STATE Outputs
74ACT16543 FAIRCHILD-74ACT16543 Datasheet
56Kb / 6P
16-Bit Registered Transceiver with 3-STATE Outputs
74ACTQ16543 FAIRCHILD-74ACTQ16543 Datasheet
76Kb / 9P
16-Bit Registered Transceiver with 3-STATE Outputs
logo
Texas Instruments
SN74LVCH16543A TI-SN74LVCH16543A_08 Datasheet
494Kb / 18P
16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16952 TI1-SN74ALVCH16952_08 Datasheet
379Kb / 17P
16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16543 TI1-SN74ALVCH16543_08 Datasheet
356Kb / 16P
16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com