Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC5553 Datasheet (PDF) - Linear Technology

LTC5553 Datasheet PDF - Linear Technology
Part # LTC5553
Download  LTC5553 Download
File Size   203.33 Kbytes
Page   6 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description 3GHz to 20GHz Passive Bidirectional Mixer

LTC5553 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC5553 Datasheet PDF - Linear Technology

Part # LTC5553
Download  LTC5553 Click to download

File Size   203.33 Kbytes
Page   6 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description 3GHz to 20GHz Passive Bidirectional Mixer

LTC5553 Datasheet (HTML) - Linear Technology




Similar Part No. - LTC5553

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC5553 AD-LTC5553 Datasheet
2Mb / 32P
300MHz to 9GHz High Linearity I/Q Demodulator with Wideband IF Amplifier
06/18-REV.A
More results


Similar Description - LTC5553

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5512 LINER-LT5512_15 Datasheet
250Kb / 12P
1kHz-3GHz High Signal Level Active Mixer
LTC5576 LINER-LTC5576_15 Datasheet
511Kb / 24P
3GHz to 8GHz High Linearity Active Upconverting Mixer
LTC5549 LINER-LTC5549 Datasheet
276Kb / 6P
2GHz to 14GHz Passive Bidirectional Mixer
logo
Japan Aviation Electron...
CJ2 JAE-CJ2 Datasheet
359Kb / 7P
FREQUENCY RANGE TO 3GHz
CN50 JAE-CN50 Datasheet
295Kb / 5P
FREQUENCY RANGE TO 3GHz
CV10 JAE-CV10 Datasheet
320Kb / 7P
FREQUENCY RANGE TO 3GHz
logo
Linear Technology
LTC5552 LINER-LTC5552 Datasheet
1Mb / 18P
3GHz to 20GHz Microwave Mixer with Wideband DC to 6GHz IF
LTC5576 LINER-LTC5576 Datasheet
173Kb / 4P
3GHz to 8GHz High Linearity Active Upconverting Mixer
logo
Marki Microwave
MEQX-20ACH MARKIMICROWAVE-MEQX-20ACH Datasheet
598Kb / 10P
Passive GaAs MMIC 20GHz Equalizer Family
logo
Murata Manufacturing Co...
939132421610-XXA MURATA1-939132421610-XXA Datasheet
190Kb / 2P
Ultra broadband performance up to 20GHz
Last updated06/17/2022
More results




About Linear Technology


Linear Technology was a publicly traded company that designed, manufactured, and marketed a wide range of analog integrated circuits (ICs) for applications in industrial, automotive, communications, and computing industries.
The company was founded in 1981 and was headquartered in Milpitas, California.
Linear Technology was acquired by Analog Devices, Inc. in 2017.
Linear Technology was known for its high-performance analog ICs, including amplifiers, voltage regulators, data converters, power management ICs, and interface products.
The company's products were designed for use in a variety of applications, including automotive, industrial, and energy management systems, among others.
With a focus on innovation and customer satisfaction, Linear Technology was committed to providing its customers with high-quality, reliable solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com