Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC5549 Datasheet (PDF) - Linear Technology

LTC5549 Datasheet PDF - Linear Technology
Part # LTC5549
Download  LTC5549 Download
File Size   276.2 Kbytes
Page   6 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description 2GHz to 14GHz Passive Bidirectional Mixer

LTC5549 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC5549 Datasheet PDF - Linear Technology

Part # LTC5549
Download  LTC5549 Click to download

File Size   276.2 Kbytes
Page   6 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description 2GHz to 14GHz Passive Bidirectional Mixer

LTC5549 Datasheet (HTML) - Linear Technology




Similar Part No. - LTC5549

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC5549 AD-LTC5549 Datasheet
2Mb / 26P
1.5GHz to 7GHz Dual Programmable Gain Downconverting Mixer
LTC5549 AD-LTC5549 Datasheet
2Mb / 32P
300MHz to 9GHz High Linearity I/Q Demodulator with Wideband IF Amplifier
06/18-REV.A
More results


Similar Description - LTC5549

ManufacturerPart #DatasheetDescription
logo
Stanford Microdevices
SPM-2045 STANFORD-SPM-2045 Datasheet
195Kb / 9P
High Linearity Passive FET Mixer
logo
Gunter Seniconductor Gm...
TFF2207T GSG-TFF2207T Datasheet
114Kb / 4P
2GHz RF Mixer
logo
Linear Technology
LTC5548 LINER-LTC5548 Datasheet
193Kb / 6P
2GHz to 14GHz Microwave Mixer with Low IF Frequency
LTC5553 LINER-LTC5553 Datasheet
203Kb / 6P
3GHz to 20GHz Passive Bidirectional Mixer
logo
Marki Microwave
MEQX-14ACH MARKIMICROWAVE-MEQX-14ACH Datasheet
456Kb / 8P
Passive GaAs MMIC 14GHz Equalizer Family
MMIQ-0416HSM MARKIMICROWAVE-MMIQ-0416HSM Datasheet
946Kb / 12P
Passive GaAs MMIC IQ Mixer
MMIQ-1040S MARKIMICROWAVE-MMIQ-1040S Datasheet
1Mb / 24P
Passive GaAs MMIC IQ Mixer
MMIQ-1865S MARKIMICROWAVE-MMIQ-1865S Datasheet
1Mb / 19P
Passive GaAs MMIC IQ Mixer
MMIQ-0626H MARKIMICROWAVE-MMIQ-0626H Datasheet
1Mb / 24P
Passive GaAs MMIC IQ Mixer
MMIQ-1037H MARKIMICROWAVE-MMIQ-1037H Datasheet
1Mb / 25P
Passive GaAs MMIC IQ Mixer
More results




About Linear Technology


Linear Technology was a publicly traded company that designed, manufactured, and marketed a wide range of analog integrated circuits (ICs) for applications in industrial, automotive, communications, and computing industries.
The company was founded in 1981 and was headquartered in Milpitas, California.
Linear Technology was acquired by Analog Devices, Inc. in 2017.
Linear Technology was known for its high-performance analog ICs, including amplifiers, voltage regulators, data converters, power management ICs, and interface products.
The company's products were designed for use in a variety of applications, including automotive, industrial, and energy management systems, among others.
With a focus on innovation and customer satisfaction, Linear Technology was committed to providing its customers with high-quality, reliable solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com