Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC5548 Datasheet (PDF) - Linear Technology

LTC5548 Datasheet PDF - Linear Technology
Part # LTC5548
Download  LTC5548 Download
File Size   193.42 Kbytes
Page   6 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description 2GHz to 14GHz Microwave Mixer with Low IF Frequency

LTC5548 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC5548 Datasheet PDF - Linear Technology

Part # LTC5548
Download  LTC5548 Click to download

File Size   193.42 Kbytes
Page   6 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description 2GHz to 14GHz Microwave Mixer with Low IF Frequency

LTC5548 Datasheet (HTML) - Linear Technology




Similar Part No. - LTC5548

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC5548 AD-LTC5548 Datasheet
2Mb / 26P
1.5GHz to 7GHz Dual Programmable Gain Downconverting Mixer
LTC5548 AD-LTC5548 Datasheet
2Mb / 32P
300MHz to 9GHz High Linearity I/Q Demodulator with Wideband IF Amplifier
06/18-REV.A
More results


Similar Description - LTC5548

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BFR14B SIEMENS-BFR14B Datasheet
142Kb / 5P
NPN SILICON MICROWAVE TRANSISTOR UP TO 2GHz
BFR14C SIEMENS-BFR14C Datasheet
122Kb / 4P
NPN SILICON MICROWAVE TRANSISTOR UP TO 2GHz
logo
RF Micro Devices
RF3334 RFMD-RF3334 Datasheet
232Kb / 14P
IF LOW NOISE AMPLIFIER/MIXER
RF3334 RFMD-RF3334_06 Datasheet
218Kb / 14P
IF LOW NOISE AMPLIFIER/MIXER
RF3334 RFMD-RF3334_1 Datasheet
363Kb / 12P
IF LOW NOISE AMPLIFIER/MIXER
logo
Gunter Seniconductor Gm...
TFF2207T GSG-TFF2207T Datasheet
114Kb / 4P
2GHz RF Mixer
logo
Integrated Device Techn...
F1100 IDT-F1100 Datasheet
956Kb / 17P
RF to IF Dual Downconverting Mixer
logo
Linear Technology
LTC5549 LINER-LTC5549 Datasheet
276Kb / 6P
2GHz to 14GHz Passive Bidirectional Mixer
LTC5552 LINER-LTC5552 Datasheet
1Mb / 18P
3GHz to 20GHz Microwave Mixer with Wideband DC to 6GHz IF
LTC5567 LINER-LTC5567 Datasheet
192Kb / 4P
300MHz to 4GHz Active Downconverting Mixer with Wideband IF
More results




About Linear Technology


Linear Technology was a publicly traded company that designed, manufactured, and marketed a wide range of analog integrated circuits (ICs) for applications in industrial, automotive, communications, and computing industries.
The company was founded in 1981 and was headquartered in Milpitas, California.
Linear Technology was acquired by Analog Devices, Inc. in 2017.
Linear Technology was known for its high-performance analog ICs, including amplifiers, voltage regulators, data converters, power management ICs, and interface products.
The company's products were designed for use in a variety of applications, including automotive, industrial, and energy management systems, among others.
With a focus on innovation and customer satisfaction, Linear Technology was committed to providing its customers with high-quality, reliable solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com