Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFR14C Datasheet (PDF) - Siemens Semiconductor Group

BFR14C Datasheet PDF - Siemens Semiconductor Group
Part # BFR14C
Download  BFR14C Download
File Size   122.24 Kbytes
Page   4 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description NPN SILICON MICROWAVE TRANSISTOR UP TO 2GHz

BFR14C Datasheet (PDF)

Go To PDF Page Download Datasheet
BFR14C Datasheet PDF - Siemens Semiconductor Group

Part # BFR14C
Download  BFR14C Click to download

File Size   122.24 Kbytes
Page   4 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description NPN SILICON MICROWAVE TRANSISTOR UP TO 2GHz

BFR14C Datasheet (HTML) - Siemens Semiconductor Group


BFR14C Product details

NPN Silicon Microwave Transistor up to 2GHz




Similar Part No. - BFR14C

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BFR14B SIEMENS-BFR14B Datasheet
142Kb / 5P
NPN SILICON MICROWAVE TRANSISTOR UP TO 2GHz
More results


Similar Description - BFR14C

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BFQ28 SIEMENS-BFQ28 Datasheet
180Kb / 7P
LOW NOISE NPN SILICON MICROWAVE TRANSISTOR UP TO 4GHz
BFR14B SIEMENS-BFR14B Datasheet
142Kb / 5P
NPN SILICON MICROWAVE TRANSISTOR UP TO 2GHz
BFT92 SIEMENS-BFT92 Datasheet
57Kb / 7P
PNP Silicon RF Transistor (For broadband amplifiers up to 2GHz at collector currents up to 20mA)
BFT92W SIEMENS-BFT92W Datasheet
56Kb / 7P
PNP Silicon RF Transistor (For broadband amplifiers up to 2GHz at collector currents up to 20mA)
logo
Tyco Electronics
MRF10350 MACOM-MRF10350 Datasheet
147Kb / 4P
MICROWAVE POWER TRANSISTOR NPN SILICON
MRF1090MA MACOM-MRF1090MA Datasheet
127Kb / 4P
MICROWAVE POWER TRANSISTOR NPN SILICON
logo
NXP Semiconductors
BLT11 PHILIPS-BLT11 Datasheet
485Kb / 8P
NPN 2GHz RF POWER TRANSISTOR
1995 Mar 09
logo
Advanced Semiconductor
NE64700 ASI-NE64700 Datasheet
18Kb / 1P
NPN SILICON MICROWAVE TRANSISTOR
REV. A
logo
NTE Electronics
NTE359 NTE-NTE359 Datasheet
72Kb / 2P
Silicon NPN Transistor RF & Microwave Transistor
logo
M/A-COM Technology Solu...
MRF10031 MA-COM-MRF10031 Datasheet
195Kb / 5P
Microwave Power Silicon NPN Transistor Microwave Power Silicon NPN Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com