Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF10031 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MRF10031 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MRF10031
Download  MRF10031 Download
File Size   195.44 Kbytes
Page   5 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Microwave Power Silicon NPN Transistor Microwave Power Silicon NPN Transistor

MRF10031 Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF10031 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MRF10031
Download  MRF10031 Click to download

File Size   195.44 Kbytes
Page   5 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Microwave Power Silicon NPN Transistor Microwave Power Silicon NPN Transistor

MRF10031 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MRF10031 Product details

Description and Applications
Designed for 960–1215 MHz long or short pulse common base amplifier applications such as JTIDS and Mode–S transmitters.

Features
• Guaranteed performance @ 960-1215MHz, 36Vdc
• Output power: 30W peak
• Minimum gain: 9.0dB min., 9.5dB typ.
• 100% tested for load mismatch at all phase angles with 10:1 VSWR
• Hermetically sealed, industry standard package
• Silicon nitride passivated
• Gold metallized, emitter ballasted for long life and resistance to metal migration
• Internal input matching for broadband operation




Similar Part No. - MRF10031

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF10031 MOTOROLA-MRF10031 Datasheet
101Kb / 4P
MICROWAVE POWER TRANSISTOR
logo
Tyco Electronics
MRF10031 MACOM-MRF10031 Datasheet
163Kb / 4P
MICROWAVE POWER TRANSISTOR NPN SILICON
logo
M/A-COM Technology Solu...
MRF10031 MA-COM-MRF10031 Datasheet
195Kb / 5P
Microwave Power Silicon NPN Transistor
logo
New Jersey Semi-Conduct...
MRF10031 NJSEMI-MRF10031 Datasheet
157Kb / 2P
Microwave Long Pulse Power Transistor
logo
M/A-COM Technology Solu...
MRF10031 MA-COM-MRF10031_15 Datasheet
195Kb / 5P
Microwave Power Silicon NPN Transistor
More results


Similar Description - MRF10031

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MRF10031 MACOM-MRF10031 Datasheet
163Kb / 4P
MICROWAVE POWER TRANSISTOR NPN SILICON
MRF10120 MACOM-MRF10120 Datasheet
128Kb / 4P
MICROWAVE POWER TRANSISTOR NPN SILICON
MRF10150 MACOM-MRF10150 Datasheet
139Kb / 4P
MICROWAVE POWER TRANSISTOR NPN SILICON
MRF10350 MACOM-MRF10350 Datasheet
147Kb / 4P
MICROWAVE POWER TRANSISTOR NPN SILICON
MRF10502 MACOM-MRF10502 Datasheet
142Kb / 4P
MICROWAVE POWER TRANSISTOR NPN SILICON
MRF1090MA MACOM-MRF1090MA Datasheet
127Kb / 4P
MICROWAVE POWER TRANSISTOR NPN SILICON
MRF1150MA MACOM-MRF1150MA Datasheet
150Kb / 4P
MICROWAVE POWER TRANSISTOR NPN SILICON
logo
M/A-COM Technology Solu...
MRF10031 MA-COM-MRF10031 Datasheet
195Kb / 5P
Microwave Power Silicon NPN Transistor
MRF10031 MA-COM-MRF10031_15 Datasheet
195Kb / 5P
Microwave Power Silicon NPN Transistor
MRF10031 MA-COM-MRF10031_17 Datasheet
642Kb / 6P
Microwave Power Silicon NPN Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com