Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF10150 Datasheet (PDF) - Tyco Electronics

MRF10150 Datasheet PDF - Tyco Electronics
Part # MRF10150
Download  MRF10150 Download
File Size   139.97 Kbytes
Page   4 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description MICROWAVE POWER TRANSISTOR NPN SILICON

MRF10150 Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF10150 Datasheet PDF - Tyco Electronics

Part # MRF10150
Download  MRF10150 Click to download

File Size   139.97 Kbytes
Page   4 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description MICROWAVE POWER TRANSISTOR NPN SILICON

MRF10150 Datasheet (HTML) - Tyco Electronics


MRF10150 Product details

The RF Line
Microwave Pulse Power Transistor

. . . designed for 1025–1150 MHz pulse common base amplifier applications such as TCAS, TACAN and Mode–S transmitters.

• Guaranteed Performance @ 1090 MHz
   Output Power = 150 Watts Peak
   Gain = 9.5 dB Min, 10.0 dB (Typ)
• 100% Tested for Load Mismatch at All Phase Angles with 10:1 VSWR
• Hermetically Sealed Package
• Silicon Nitride Passivated
• Gold Metallized, Emitter Ballasted for Long Life and Resistance to Metal Migration
• Internal Input and Output Matching
• Characterized with 10 µs, 10% Duty Cycle Pulses
• Recommended Driver for a Pair of MRF10500 Transistors




Similar Part No. - MRF10150

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF10150 MOTOROLA-MRF10150 Datasheet
90Kb / 4P
MICROWAVE POWER TRANSISTOR
logo
M/A-COM Technology Solu...
MRF10150 MA-COM-MRF10150 Datasheet
187Kb / 6P
Microwave Pulse Power Silicon NPN Transistor 150W (peak), 1025-1150MHz
MRF10150 MA-COM-MRF10150 Datasheet
187Kb / 6P
Microwave Pulse Power Silicon NPN Transistor
MRF10150 MA-COM-MRF10150_15 Datasheet
187Kb / 6P
Microwave Pulse Power Silicon NPN Transistor
MRF10150 MA-COM-MRF10150_17 Datasheet
624Kb / 7P
Microwave Pulse Power Silicon NPN Transistor
More results


Similar Description - MRF10150

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MRF10031 MACOM-MRF10031 Datasheet
163Kb / 4P
MICROWAVE POWER TRANSISTOR NPN SILICON
MRF10120 MACOM-MRF10120 Datasheet
128Kb / 4P
MICROWAVE POWER TRANSISTOR NPN SILICON
MRF10350 MACOM-MRF10350 Datasheet
147Kb / 4P
MICROWAVE POWER TRANSISTOR NPN SILICON
MRF10502 MACOM-MRF10502 Datasheet
142Kb / 4P
MICROWAVE POWER TRANSISTOR NPN SILICON
MRF1090MA MACOM-MRF1090MA Datasheet
127Kb / 4P
MICROWAVE POWER TRANSISTOR NPN SILICON
MRF1150MA MACOM-MRF1150MA Datasheet
150Kb / 4P
MICROWAVE POWER TRANSISTOR NPN SILICON
logo
M/A-COM Technology Solu...
MRF10031 MA-COM-MRF10031 Datasheet
195Kb / 5P
Microwave Power Silicon NPN Transistor Microwave Power Silicon NPN Transistor
MRF10031 MA-COM-MRF10031 Datasheet
195Kb / 5P
Microwave Power Silicon NPN Transistor
MRF10031 MA-COM-MRF10031_15 Datasheet
195Kb / 5P
Microwave Power Silicon NPN Transistor
MRF10031 MA-COM-MRF10031_17 Datasheet
642Kb / 6P
Microwave Power Silicon NPN Transistor
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com