Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFT92 Datasheet (PDF) - Siemens Semiconductor Group

BFT92 Datasheet PDF - Siemens Semiconductor Group
Part # BFT92
Download  BFT92 Download
File Size   57.86 Kbytes
Page   7 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description PNP Silicon RF Transistor (For broadband amplifiers up to 2GHz at collector currents up to 20mA)

BFT92 Datasheet (PDF)

Go To PDF Page Download Datasheet
BFT92 Datasheet PDF - Siemens Semiconductor Group

Part # BFT92
Download  BFT92 Click to download

File Size   57.86 Kbytes
Page   7 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description PNP Silicon RF Transistor (For broadband amplifiers up to 2GHz at collector currents up to 20mA)

BFT92 Datasheet (HTML) - Siemens Semiconductor Group


BFT92 Product details

PNP Silicon RF Transistor

• For broadband amplifiers up to 2GHz at collector currents up to 20mA
• Complementary type: BFR 92P (NPN)




Similar Part No. - BFT92

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFT92 PHILIPS-BFT92 Datasheet
47Kb / 8P
PNP 5 GHz wideband transistor
November 1992
logo
Infineon Technologies A...
BFT92 INFINEON-BFT92 Datasheet
79Kb / 7P
PNP Silicon RF Transistor
Jul-16-2001
logo
NXP Semiconductors
BFT92 NXP-BFT92 Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
BFT92W PHILIPS-BFT92W Datasheet
91Kb / 12P
PNP 4 GHz wideband transistor
May 1994
logo
Siemens Semiconductor G...
BFT92W SIEMENS-BFT92W Datasheet
56Kb / 7P
PNP Silicon RF Transistor (For broadband amplifiers up to 2GHz at collector currents up to 20mA)
More results


Similar Description - BFT92

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BFP93A SIEMENS-BFP93A Datasheet
60Kb / 7P
NPN Silicon RF Transistor (For low distortion broadband amplifiers and oscillators up to 2GHz at collector currents from 5 mA to 30 mA)
BFQ75 SIEMENS-BFQ75 Datasheet
32Kb / 3P
PNP Silicon RF Transistor (For broadband amplifiers up to 2 GHz at collector currents from 5 mA to 30 mA.)
BFQ76 SIEMENS-BFQ76 Datasheet
38Kb / 4P
PNP Silicon RF Transistor (For broadband amplifiers up to 2 GHz at collector currents up to 20 mA.)
BFR35AP SIEMENS-BFR35AP Datasheet
19Kb / 3P
NPN Silicon RF Transistor (For low distortion broadband amplifiers and oscillators up to 2GHz at collector currents from 0.5mA to 20mA)
BFR93AW SIEMENS-BFR93AW Datasheet
57Kb / 7P
NPN Silicon RF Transistor (For low distortion broadband amplifiers and oscillators up to 2GHz at collector currents from 5 mA to 30 mA)
BFS17P SIEMENS-BFS17P Datasheet
48Kb / 5P
NPN Silicon RF Transistor (For broadband amplifiers up to 1GHz at collector currents from 1mA to 20mA)
BFS17S SIEMENS-BFS17S Datasheet
55Kb / 5P
NPN Silicon RF Transistor (For broadband amplifiers up to 1GHz at collector currents from 1mA to 20mA)
BFS17W SIEMENS-BFS17W Datasheet
34Kb / 5P
NPN Silicon RF Transistor (For broadband amplifiers up to 1GHz at collector currents from 1mA to 20mA)
BFT92W SIEMENS-BFT92W Datasheet
56Kb / 7P
PNP Silicon RF Transistor (For broadband amplifiers up to 2GHz at collector currents up to 20mA)
BFT93 SIEMENS-BFT93 Datasheet
58Kb / 7P
PNP Silicon RF Transistor (For low distortion broadband amplifiers up to 1 GHz at collector currents from 2mA up to 20mA)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com