Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFT92 Datasheet (PDF) - Infineon Technologies AG

BFT92 Datasheet PDF - Infineon Technologies AG
Part # BFT92
Download  BFT92 Download
File Size   79.04 Kbytes
Page   7 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description PNP Silicon RF Transistor

BFT92 Datasheet (PDF)

Go To PDF Page Download Datasheet
BFT92 Datasheet PDF - Infineon Technologies AG

Part # BFT92
Download  BFT92 Click to download

File Size   79.04 Kbytes
Page   7 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description PNP Silicon RF Transistor

BFT92 Datasheet (HTML) - Infineon Technologies AG


BFT92 Product details

PNP Silicon RF Transistor

● For broadband amplifiers up to 2 GHz at collector currents up to 20 mA
● Complementary type: BFR 92P (NPN)




Similar Part No. - BFT92

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFT92 PHILIPS-BFT92 Datasheet
47Kb / 8P
PNP 5 GHz wideband transistor
November 1992
logo
Siemens Semiconductor G...
BFT92 SIEMENS-BFT92 Datasheet
57Kb / 7P
PNP Silicon RF Transistor (For broadband amplifiers up to 2GHz at collector currents up to 20mA)
logo
NXP Semiconductors
BFT92 NXP-BFT92 Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
BFT92W PHILIPS-BFT92W Datasheet
91Kb / 12P
PNP 4 GHz wideband transistor
May 1994
logo
Siemens Semiconductor G...
BFT92W SIEMENS-BFT92W Datasheet
56Kb / 7P
PNP Silicon RF Transistor (For broadband amplifiers up to 2GHz at collector currents up to 20mA)
More results


Similar Description - BFT92

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BF970 VISHAY-BF970 Datasheet
51Kb / 5P
Silicon PNP Planar RF Transistor
20-Jan-99
BF979 VISHAY-BF979 Datasheet
51Kb / 5P
Silicon PNP Planar RF Transistor
20-Jan-99
logo
Siemens Semiconductor G...
BF324 SIEMENS-BF324 Datasheet
88Kb / 4P
PNP SILICON RF TRANSISTOR
logo
Motorola, Inc
MXR5160 MOTOROLA-MXR5160 Datasheet
28Kb / 1P
RF TRANSISTOR PNP SILICON
logo
Vishay Siliconix
BF579 VISHAY-BF579_08 Datasheet
124Kb / 5P
Silicon PNP Planar RF Transistor
05-Sep-08
logo
Central Semiconductor C...
MPSH81 CENTRAL-MPSH81 Datasheet
116Kb / 2P
PNP SILICON RF TRANSISTOR
MPSH81 CENTRAL-MPSH81_15 Datasheet
116Kb / 2P
PNP SILICON RF TRANSISTOR
logo
Siemens Semiconductor G...
BF606A SIEMENS-BF606A Datasheet
61Kb / 2P
PNP Silicon RF Transistor
logo
Vishay Telefunken
BF509 TFUNK-BF509 Datasheet
250Kb / 5P
Silicon PNP RF Transistor
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com