Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8133 Datasheet (PDF) - Analog Devices

AD8133 Datasheet PDF - Analog Devices
Part # AD8133
Download  AD8133 Download
File Size   479.77 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Triple Differential Driver With Output Pull-Down

AD8133 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8133 Datasheet PDF - Analog Devices

Part # AD8133
Download  AD8133 Click to download

File Size   479.77 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Triple Differential Driver With Output Pull-Down

AD8133 Datasheet (HTML) - Analog Devices


AD8133 Product details

GENERAL DESCRIPTION
The AD8133 is a major advancement beyond using discrete op amps for driving differential RGB signals over twisted pair cable. The AD8133 is a triple, low cost differential or single-ended input to differential output driver, and each amplifier has a fixed gain of 2 to compensate for the attenuation of line termination resistors. The AD8133 is specifically designed for RGB signals but can be used for any type of analog signals or high speed data transmission. The AD8133 is capable of driving either Category 5 unshielded twisted pair (UTP) cable or differential printed circuit board transmission lines with minimal signal degradation.

FEATURES
   Triple high speed fully differential driver
      225 MHz −3 dB large signal bandwidth
      Easily drives 1.4 V p-p video signal into source-terminated
         100 Ω UTP cable
      1600 V/µs slew rate
      Fixed internal gain of 2
   Internal common-mode feedback network
      Output balance error −60 dB @ 50 MHz
   Differential input and output
   Differential-to-differential or single-ended-to-differential
      operation
   Adjustable output common-mode voltage
   Output pull-down feature for line isolation
   Low distortion: 64 dB SFDR @ 10 MHz on 5 V supply,
      RL, dm = 200 Ω
   Low offset: 4 mV typical output referred on 5 V supply
   Low power: 26 mA @ 5 V for three drivers
   Wide supply voltage range: +5 V to ±5 V
   Available in space-saving packaging: 4 mm × 4 mm LFCSP

APPLICATIONS
   KVM (keyboard-video-mouse) networking
   UTP (unshielded twisted pair) driving
   Differential signal multiplexing




Similar Part No. - AD8133

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8133 AD-AD8133 Datasheet
400Kb / 17P
Triple Differential Driver with Output Pull-Down
3/16-Rev. 0 to Rev. A
AD8133ACP-R2 AD-AD8133ACP-R2 Datasheet
486Kb / 16P
Triple Differential Driver With Output Pull-Down
REV. 0
AD8133ACP-REEL AD-AD8133ACP-REEL Datasheet
486Kb / 16P
Triple Differential Driver With Output Pull-Down
REV. 0
AD8133ACP-REEL7 AD-AD8133ACP-REEL7 Datasheet
486Kb / 16P
Triple Differential Driver With Output Pull-Down
REV. 0
AD8133ACPZ-R2 AD-AD8133ACPZ-R2 Datasheet
400Kb / 17P
Triple Differential Driver with Output Pull-Down
3/16-Rev. 0 to Rev. A
More results


Similar Description - AD8133

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8134 AD-AD8134 Datasheet
458Kb / 20P
Triple Differential Driver With Sync-On-Common-Mode
10/05-Rev. Sp0 to Rev. A
logo
Linear Technology
LT3496 LINER-LT3496 Datasheet
263Kb / 20P
Triple Output LED Driver
logo
New Japan Radio
NJM2504 NJRC-NJM2504 Datasheet
117Kb / 5P
VIDEO DIFFERENTIAL OUTPUT DRIVER
logo
IC-Haus GmbH
IC-HE ICHAUS-IC-HE Datasheet
371Kb / 6P
TRIPLE DIFFERENTIAL LINE DRIVER
logo
Analog Devices
AD8133ACP-R2 AD-AD8133ACP-R2 Datasheet
486Kb / 16P
Triple Differential Driver With Output Pull-Down
REV. 0
AD8133 AD-AD8133_15 Datasheet
486Kb / 16P
Triple Differential Driver With Output Pull-Down
REV. 0
AD8134 AD-AD8134_15 Datasheet
455Kb / 20P
Triple Differential Driver With Sync-On-Common-Mode
REV. A
logo
Linear Technology
LT3496 LINER-LT3496_15 Datasheet
343Kb / 20P
Triple Output LED Driver
logo
Analog Devices
AD8133 AD-AD8133_16 Datasheet
400Kb / 17P
Triple Differential Driver with Output Pull-Down
3/16-Rev. 0 to Rev. A
AD8134 AD-AD8134_16 Datasheet
443Kb / 20P
Triple Differential Driver With Sync-On-Common-Mode
3/16-Rev. A to Rev. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com