Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB321C-RI Datasheet (PDF) - ATMEL Corporation

AT45DB321C-RI Datasheet PDF - ATMEL Corporation
Part # AT45DB321C-RI
Download  AT45DB321C-RI Download
File Size   610.59 Kbytes
Page   37 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 32 MEGABIT 2.7 VOLT DATAFLASH

AT45DB321C-RI Datasheet (PDF)

Go To PDF Page Download Datasheet
AT45DB321C-RI Datasheet PDF - ATMEL Corporation

Part # AT45DB321C-RI
Download  AT45DB321C-RI Click to download

File Size   610.59 Kbytes
Page   37 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 32 MEGABIT 2.7 VOLT DATAFLASH

AT45DB321C-RI Datasheet (HTML) - ATMEL Corporation


AT45DB321C-RI Product details

Description
The AT45DB321C is an SPI compatible, serial-interface Flash memory ideally suited for a wide variety of digital voice-, image-, program code- and data storage applications. The AT45DB321C supports a 4-wire serial interface known as RapidS for applications requiring very high speed operations.

Features
• Single 2.7 - 3.6V Supply
• RapidS™ Serial Interface: 40 MHz Maximum Clock Frequency (SPI Modes 0 and 3 Compatible for Frequencies Up to 33 MHz)
• Page Program
    – 8192 Pages (528 Bytes/Page)
• Automated Erase Operations
    – Page Erase 528 Bytes
    – Block Erase 4,224 Bytes
• Two 528-byte SRAM Data Buffers – Allows Receiving of Data while Reprogramming the Flash Array
• Continuous Read Capability through Entire Array
    – Ideal for Code Shadowing Applications
• Low-power Dissipation
    – 10 mA Active Read Current Typical
    – 6 µA Standby Current Typical
• Hardware and Software Data Protection Features
    – Individual Sector Locking
• Security: 128-byte Security Register
    – 64-byte User Programmable Space
    – Unique 64-byte Device Identifier
• JEDEC Standard Manufacturer and Device ID Read
• 100,000 Program/Erase Cycles per Page Minimum
• Data Retention – 20 years
• Commercial and Industrial Temperature Ranges
• Green (Pb/Halide-free/RoHS Compliant) Packaging Options




Similar Part No. - AT45DB321C-RI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB321C-RC ATMEL-AT45DB321C-RC Datasheet
632Kb / 40P
32-megabit 2.7 volt DataFlash
AT45DB321C-RU ATMEL-AT45DB321C-RU Datasheet
632Kb / 40P
32-megabit 2.7 volt DataFlash
More results


Similar Description - AT45DB321C-RI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB321 ATMEL-AT45DB321 Datasheet
154Kb / 20P
32-Megabit 2.7-volt Only Serial DataFlash
AT45DB321B ATMEL-AT45DB321B Datasheet
230Kb / 32P
32-megabit 2.7-volt Only DataFlash
AT45DB321C ATMEL-AT45DB321C_06 Datasheet
632Kb / 40P
32-megabit 2.7 volt DataFlash
AT45DB321D ATMEL-AT45DB321D_07 Datasheet
1Mb / 55P
32-megabit 2.7-volt DataFlash
AT26DF321 ATMEL-AT26DF321_06 Datasheet
585Kb / 34P
32-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT45DB021D ATMEL-AT45DB021D_07 Datasheet
1Mb / 52P
2-megabit 2.7-volt DataFlash
AT45DB011D ATMEL-AT45DB011D_07 Datasheet
1Mb / 52P
1-megabit 2.7-volt DataFlash
AT26DF321 ATMEL-AT26DF321_07 Datasheet
590Kb / 35P
32-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT45DB321D ATMEL-AT45DB321D_08 Datasheet
1Mb / 54P
32-megabit 2.7-volt DataFlash
AT45DB321D ATMEL-AT45DB321D_09 Datasheet
1Mb / 57P
32-megabit 2.7-volt DataFlash
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com