Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C017A Datasheet (PDF) - Cypress Semiconductor

CY7C017A Datasheet PDF - Cypress Semiconductor
Part # CY7C017A
Download  CY7C017A Download
File Size   422.44 Kbytes
Page   20 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 32K/16K x8, 32K/16K x9 Dual-Port Static RAM

CY7C017A Datasheet (PDF)

Go To PDF Page Download Datasheet
CY7C017A Datasheet PDF - Cypress Semiconductor

Part # CY7C017A
Download  CY7C017A Click to download

File Size   422.44 Kbytes
Page   20 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 32K/16K x8, 32K/16K x9 Dual-Port Static RAM

CY7C017A Datasheet (HTML) - Cypress Semiconductor


CY7C017A Product details

Features
• True dual-ported memory cells which allow simultaneous access of the same memory location
• 16K x 8 organization (CY7C006A)
• 32K x 8 organization (CY7C007A)
• 16K x 9 organization (CY7C016A)
• 32K x 9 organization (CY7C017A)
• 0.35-micron CMOS for optimum speed/power
• High-speed access: 12[1] /15/20 ns
• Low operating power
  — Active: ICC= 180 mA (typical)
  — Standby: ISB3 = 0.05 mA (typical)
• Fully asynchronous operation
• Automatic power-down
• Expandable data bus to 16/18 bits or more using Master/Slave chip select when using more than one device
• On-chip arbitration logic
• Semaphores included to permit software handshaking between ports
•INTflags for port-to-port communication
• Pin select for Master or Slave
• Commercial temperature range
• Available in 68-pin PLCC (CY7C006A, CY7C007A and CY7C017A), 64-pin TQFP (CY7C006A), and in 80-pin TQFP (CY7C007A and CY7C016A)




Similar Part No. - CY7C017A

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C017AV CYPRESS-CY7C017AV Datasheet
544Kb / 20P
3.3V 4K/8K/16K/32K x 8/9 Dual-Port Static RAM
CY7C017AV-20JC CYPRESS-CY7C017AV-20JC Datasheet
544Kb / 20P
3.3V 4K/8K/16K/32K x 8/9 Dual-Port Static RAM
CY7C017AV-20JI CYPRESS-CY7C017AV-20JI Datasheet
544Kb / 20P
3.3V 4K/8K/16K/32K x 8/9 Dual-Port Static RAM
CY7C017AV-25JC CYPRESS-CY7C017AV-25JC Datasheet
544Kb / 20P
3.3V 4K/8K/16K/32K x 8/9 Dual-Port Static RAM
More results


Similar Description - CY7C017A

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C056V CYPRESS-CY7C056V Datasheet
280Kb / 22P
3.3V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static RAM
April 27, 2000
CY7C460A CYPRESS-CY7C460A Datasheet
250Kb / 15P
Asynchronous, Cascadable 8K/16K/32K/64K x9 FIFOs
CY7C057 CYPRESS-CY7C057 Datasheet
459Kb / 23P
3.3V 16K/32K x 36 FLEx36 Asynchronous Dual-Port Static RAM
CY7C09269V CYPRESS-CY7C09269V Datasheet
348Kb / 19P
3.3V 16K/32K/64K x 16/18 Synchronous Dual-Port Static RAM
logo
AverLogic Technologies ...
AL4CX263 AVERLOGIC-AL4CX263 Datasheet
41Kb / 2P
16K/32K/64K/128K x9, 8K/16K/32K/64K x18 Synchronous FIFO
logo
Cypress Semiconductor
CY7C056V CYPRESS-CY7C056V_05 Datasheet
695Kb / 23P
3.3V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static
CY7C138AV CYPRESS-CY7C138AV Datasheet
544Kb / 20P
3.3V 4K/8K/16K/32K x 8/9 Dual-Port Static RAM
CY7C09269V CYPRESS-CY7C09269V_05 Datasheet
758Kb / 19P
3.3V 16K/32K/64K x 16/18 Synchronous Dual-Port Static RAM
CY7C056V CYPRESS-CY7C056V_11 Datasheet
719Kb / 26P
3.3 V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static RAM
CY7C056V CYPRESS-CY7C056V_12 Datasheet
434Kb / 27P
3.3 V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static RAM
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com