Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C460A Datasheet (PDF) - Cypress Semiconductor

CY7C460A Datasheet PDF - Cypress Semiconductor
Part # CY7C460A
Download  CY7C460A Download
File Size   250.69 Kbytes
Page   15 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description Asynchronous, Cascadable 8K/16K/32K/64K x9 FIFOs

CY7C460A Datasheet (PDF)

Go To PDF Page Download Datasheet
CY7C460A Datasheet PDF - Cypress Semiconductor

Part # CY7C460A
Download  CY7C460A Click to download

File Size   250.69 Kbytes
Page   15 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description Asynchronous, Cascadable 8K/16K/32K/64K x9 FIFOs

CY7C460A Datasheet (HTML) - Cypress Semiconductor


CY7C460A Product details

Functional Description
The CY7C460A, CY7C462A, CY7C464A, and CY7C466A are respectively, 8K, 16K, 32K, and 64K words by 9-bit wide first-in first-out (FIFO) memories. Each FIFO memory is organized such that the data is read in the same sequential order that it was written. Full and Empty flags are provided to prevent overrun and underrun. Three additional pins are also provided to facilitate unlimited expansion in width, depth, or both. The depth expansion technique steers the control signals from one device to another by passing tokens.

Features
• High-speed, low-power, first-in first-out (FIFO) memories
• 8K x 9 FIFO (CY7C460A)
• 16K x 9 FIFO (CY7C462A)
• 32K x 9 FIFO (CY7C464A)
• 64K x 9 FIFO (CY7C466A)
• 10-ns access times, 20-ns read/write cycle times
• High-speed 50-MHz read/write independent of depth/width
• Low operating power
    — ICC= 60 mA
    — ISB =8 mA
• Asynchronous read/write
• Empty and Full flags
• Half Full flag (in standalone mode)
• Retransmit (in standalone mode)
• TTL-compatible
• Width and Depth Expansion Capability
• 5V ± 10% supply
• PLCC, LCC, 300-mil and 600-mil DIP packaging
• Three-state outputs
• Pin compatible density upgrade to CY7C42X/46X family
• Pin compatible and functionally equivalent to IDT7205, IDT7206, IDT7207, IDT7208




Similar Part No. - CY7C460A

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C401 CYPRESS-CY7C401 Datasheet
270Kb / 13P
64 x 4 Cascadable FIFO / 64 x 5 Cascadable FIFO
CY7C401-10DC CYPRESS-CY7C401-10DC Datasheet
270Kb / 13P
64 x 4 Cascadable FIFO / 64 x 5 Cascadable FIFO
CY7C401-10DMB CYPRESS-CY7C401-10DMB Datasheet
270Kb / 13P
64 x 4 Cascadable FIFO / 64 x 5 Cascadable FIFO
CY7C401-10LMB CYPRESS-CY7C401-10LMB Datasheet
270Kb / 13P
64 x 4 Cascadable FIFO / 64 x 5 Cascadable FIFO
CY7C401-10PC CYPRESS-CY7C401-10PC Datasheet
270Kb / 13P
64 x 4 Cascadable FIFO / 64 x 5 Cascadable FIFO
More results


Similar Description - CY7C460A

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C4261 CYPRESS-CY7C4261 Datasheet
278Kb / 18P
16K/32K x 9 Deep Sync FIFOs
CY7C006A CYPRESS-CY7C006A Datasheet
422Kb / 20P
32K/16K x8, 32K/16K x9 Dual-Port Static RAM
CY7C4261V CYPRESS-CY7C4261V Datasheet
205Kb / 16P
16K/32K/64K/128K x 9 Low-Voltage Deep Sync FIFOs
CY7C4255 CYPRESS-CY7C4255 Datasheet
361Kb / 22P
8K/16K x 18 Deep Sync FIFOs
logo
Hitachi Semiconductor
HN58X2402-SR HITACHI-HN58X2402-SR Datasheet
86Kb / 21P
Two-wire serial interface 2k / 4k / 8k / 16k / 32k / 64k EEPROM
logo
AverLogic Technologies ...
AL4CX263 AVERLOGIC-AL4CX263 Datasheet
41Kb / 2P
16K/32K/64K/128K x9, 8K/16K/32K/64K x18 Synchronous FIFO
AL4CX3650 AVERLOGIC-AL4CX3650 Datasheet
33Kb / 2P
2K/ 4K/ 8K/ 16K/ 32K x 36 Synchronous FIFOs
logo
Cypress Semiconductor
CY7C4255 CYPRESS-CY7C4255_05 Datasheet
541Kb / 22P
8K/16K x 18 Deep Sync FIFOs
CY7C4261V CYPRESS-CY7C4261V_05 Datasheet
453Kb / 16P
16K/32K/64K/128K x 9 Low-Voltage Deep Sync??FIFOs
CY7C4255 CYPRESS-CY7C4255_09 Datasheet
655Kb / 23P
8K/16K x 18 Deep Sync FIFOs
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com