Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C401 Datasheet (PDF) - Cypress Semiconductor

CY7C401 Datasheet PDF - Cypress Semiconductor
Part # CY7C401
Download  CY7C401 Download
File Size   270.78 Kbytes
Page   13 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 64 x 4 Cascadable FIFO / 64 x 5 Cascadable FIFO

CY7C401 Datasheet (PDF)

Go To PDF Page Download Datasheet
CY7C401 Datasheet PDF - Cypress Semiconductor

Part # CY7C401
Download  CY7C401 Click to download

File Size   270.78 Kbytes
Page   13 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 64 x 4 Cascadable FIFO / 64 x 5 Cascadable FIFO

CY7C401 Datasheet (HTML) - Cypress Semiconductor


CY7C401 Product details

Functional Description
The CY7C401 and CY7C403 are asynchronous first-in first-out (FIFOs) organized as 64 four-bit words. The CY7C402 and CY7C404 are similar FIFOs organized as 64 five-bit words. Both the CY7C403 and CY7C404 have an output enable (OE) function.

Features
• 64 x 4 (CY7C401 and CY7C403) 64 x 5 (CY7C402 and CY7C404) High-speed first-in first-out memory (FIFO)
• Processed with high-speed CMOS for optimum speed/power
• 25-MHz data rates
• 50-ns bubble-through time—25 MHz
• Expandable in word width and/or length
• 5-volt power supply ± 10% tolerance, both commercial and military
• Independent asynchronous inputs and outputs
• TTL-compatible interface
• Output enable function available on CY7C403 and CY7C404
• Capable of withstanding greater than 2001V electrostatic discharge
• Pin compatible with MMI 67401A/67402A




Similar Part No. - CY7C401

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C4021KV13 CYPRESS-CY7C4021KV13 Datasheet
1Mb / 46P
72-Mbit QDR??IV HP SRAM
CY7C4021KV13-600FCXC CYPRESS-CY7C4021KV13-600FCXC Datasheet
1Mb / 46P
72-Mbit QDR??IV HP SRAM
CY7C4021KV13-667FCXC CYPRESS-CY7C4021KV13-667FCXC Datasheet
1Mb / 46P
72-Mbit QDR??IV HP SRAM
CY7C4022KV13 CYPRESS-CY7C4022KV13 Datasheet
1Mb / 46P
72-Mbit QDR??IV XP SRAM
CY7C4022KV13-106FCXC CYPRESS-CY7C4022KV13-106FCXC Datasheet
1Mb / 46P
72-Mbit QDR??IV XP SRAM
More results


Similar Description - CY7C401

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC7404 PHILIPS-74HC7404 Datasheet
131Kb / 28P
5-Bit x 64-word FIFO register; 3-state
September 1993
logo
Sharp Corporation
LH5481 SHARP-LH5481 Datasheet
125Kb / 16P
Cascadable 64 x 8 FIFO Cascadable 64 x 9 FIFO
logo
Integrated Device Techn...
IDT72401 IDT-IDT72401 Datasheet
95Kb / 9P
CMOS PARALLEL FIFO 64 x 4-BIT AND 64 x 5-BIT
IDT72413 IDT-IDT72413 Datasheet
104Kb / 11P
CMOS PARALLEL 64 x 5-BIT FIFO WITH FLAGS
logo
Cypress Semiconductor
CY7C408A-409A CYPRESS-CY7C408A-409A Datasheet
344Kb / 16P
64 x 8 Cascadable FIFO 64 x 9 Cascadable FIFO
logo
Texas Instruments
TMS4024 TI-TMS4024 Datasheet
172Kb / 5P
9 X 64 DIGITAL STORAGE BUFFER (FIFO)
logo
Advanced Micro Devices
C67401 AMD-C67401 Datasheet
450Kb / 9P
FIRST - IN FIRST - OUT (FIFO) 64 X 4, 64 X 5 CASCADABLE MEMORY
logo
Integrated Device Techn...
IDT72401 IDT-IDT72401_05 Datasheet
89Kb / 9P
CMOS PARALLEL FIFO 64 x 4 and 64 x 5
logo
Renesas Technology Corp
IDT72413 RENESAS-IDT72413 Datasheet
384Kb / 11P
CMOS PARALLEL FIFO WITH FLAGS 64 x 5
JUNE 2012
logo
Fairchild Semiconductor
3341 FAIRCHILD-3341 Datasheet
174Kb / 3P
64 x 4 FIFO Serial Memory
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com