Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT72413 Datasheet (PDF) - Renesas Technology Corp

IDT72413 Datasheet PDF - Renesas Technology Corp
Part # IDT72413
Download  IDT72413 Download
File Size   384.76 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description CMOS PARALLEL FIFO WITH FLAGS 64 x 5

IDT72413 Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT72413 Datasheet PDF - Renesas Technology Corp

Part # IDT72413
Download  IDT72413 Click to download

File Size   384.76 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description CMOS PARALLEL FIFO WITH FLAGS 64 x 5

IDT72413 Datasheet (HTML) - Renesas Technology Corp


IDT72413 Product details

FEATURES:
• First-ln/First-Out Dual-Port memory—45MHz
• 64 x 5 organization
• Low-power consumption
— Active: 200mW (typical)
• RAM-based internal structure allows for fast fall-through time
• Asynchronous and simultaneous read and write
• Expandable by bit width
• Cascadable by word depth
• Half-Full and Almost-Full/Empty status flags
• High-speed data communications applications
• Bidirectional and rate buffer applications
• High-performance CMOS technology
• Available in plastic DIP and SOIC
• Green parts available, see ordering information




Similar Part No. - IDT72413

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72413 IDT-IDT72413 Datasheet
104Kb / 11P
CMOS PARALLEL 64 x 5-BIT FIFO WITH FLAGS
IDT72413L25D IDT-IDT72413L25D Datasheet
104Kb / 11P
CMOS PARALLEL 64 x 5-BIT FIFO WITH FLAGS
IDT72413L25DB IDT-IDT72413L25DB Datasheet
104Kb / 11P
CMOS PARALLEL 64 x 5-BIT FIFO WITH FLAGS
IDT72413L25P IDT-IDT72413L25P Datasheet
104Kb / 11P
CMOS PARALLEL 64 x 5-BIT FIFO WITH FLAGS
IDT72413L25PB IDT-IDT72413L25PB Datasheet
104Kb / 11P
CMOS PARALLEL 64 x 5-BIT FIFO WITH FLAGS
More results


Similar Description - IDT72413

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH5481 SHARP-LH5481 Datasheet
125Kb / 16P
Cascadable 64 x 8 FIFO Cascadable 64 x 9 FIFO
logo
Integrated Device Techn...
IDT72401 IDT-IDT72401 Datasheet
95Kb / 9P
CMOS PARALLEL FIFO 64 x 4-BIT AND 64 x 5-BIT
IDT72413 IDT-IDT72413 Datasheet
104Kb / 11P
CMOS PARALLEL 64 x 5-BIT FIFO WITH FLAGS
logo
Cypress Semiconductor
CY7C408A-409A CYPRESS-CY7C408A-409A Datasheet
344Kb / 16P
64 x 8 Cascadable FIFO 64 x 9 Cascadable FIFO
CY7C470 CYPRESS-CY7C470 Datasheet
270Kb / 15P
8K x 9 FIFO, 16K x 9 FIFO 32K x 9 FIFO with Programmable Flags
CY7C401 CYPRESS-CY7C401 Datasheet
270Kb / 13P
64 x 4 Cascadable FIFO / 64 x 5 Cascadable FIFO
logo
Advanced Micro Devices
C67401 AMD-C67401 Datasheet
450Kb / 9P
FIRST - IN FIRST - OUT (FIFO) 64 X 4, 64 X 5 CASCADABLE MEMORY
logo
Integrated Device Techn...
IDT72401 IDT-IDT72401_05 Datasheet
89Kb / 9P
CMOS PARALLEL FIFO 64 x 4 and 64 x 5
logo
Renesas Technology Corp
IDT72125 RENESAS-IDT72125 Datasheet
422Kb / 12P
CMOS PARALLEL-TO-SERIAL FIFO 1,024 x 16
2016
IDT72401 RENESAS-IDT72401 Datasheet
320Kb / 10P
CMOS PARALLEL FIFO
JUNE 2012
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com