Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT72401 Datasheet (PDF) - Integrated Device Technology

IDT72401 Datasheet PDF - Integrated Device Technology
Part # IDT72401
Download  IDT72401 Download
File Size   95.75 Kbytes
Page   9 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description CMOS PARALLEL FIFO 64 x 4-BIT AND 64 x 5-BIT

IDT72401 Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT72401 Datasheet PDF - Integrated Device Technology

Part # IDT72401
Download  IDT72401 Click to download

File Size   95.75 Kbytes
Page   9 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description CMOS PARALLEL FIFO 64 x 4-BIT AND 64 x 5-BIT

IDT72401 Datasheet (HTML) - Integrated Device Technology


IDT72401 Product details

DESCRIPTION:
The IDT72401 and IDT72403 are asynchronous high performance First-ln/First-Out memories organized 64 words by 4 bits.

FEATURES:
• First-ln/First-Out Dual-Port memory
• 64 x 4 organization (IDT72401/03)
• 64 x 5 organization (IDT72402/04)
• IDT72401/02 pin and functionally compatible with
   MMI67401/02
• RAM-based FIFO with low falI-through time
• Low-power consumption
   — Active: 175mW (typ.)
• Maximum shift rate — 45MHz
• High data output drive capability
• Asynchronous and simultaneous read and write
• Fully expandable by bit width
• Fully expandable by word depth
• IDT72403/04 have Output Enable pin to enable output
   data
• High-speed data communications applications
• High-performance CMOS technology
• Available in CERDIP, plastic DIP and SOIC
• Military product compliant to MlL-STD-883, Class B
• Standard Military Drawing #5962-86846 and
   5962-89523 is listed on this function.
• Industrial temperature range (–40°C to +85°C) is available,
   tested to military electrical specifications




Similar Part No. - IDT72401

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72401 IDT-IDT72401 Datasheet
89Kb / 9P
CMOS PARALLEL FIFO 64 x 4 and 64 x 5
logo
Renesas Technology Corp
IDT72401 RENESAS-IDT72401 Datasheet
320Kb / 10P
CMOS PARALLEL FIFO
JUNE 2012
logo
Integrated Device Techn...
IDT72401L10D IDT-IDT72401L10D Datasheet
89Kb / 9P
CMOS PARALLEL FIFO 64 x 4 and 64 x 5
IDT72401L10DB IDT-IDT72401L10DB Datasheet
89Kb / 9P
CMOS PARALLEL FIFO 64 x 4 and 64 x 5
IDT72401L10P IDT-IDT72401L10P Datasheet
89Kb / 9P
CMOS PARALLEL FIFO 64 x 4 and 64 x 5
More results


Similar Description - IDT72401

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC7403 PHILIPS-74HC7403 Datasheet
163Kb / 28P
4-Bit x 64-word FIFO register; 3-state
September 1993
74HC7404 PHILIPS-74HC7404 Datasheet
131Kb / 28P
5-Bit x 64-word FIFO register; 3-state
September 1993
logo
Sharp Corporation
LH5481 SHARP-LH5481 Datasheet
125Kb / 16P
Cascadable 64 x 8 FIFO Cascadable 64 x 9 FIFO
logo
Integrated Device Techn...
IDT72413 IDT-IDT72413 Datasheet
104Kb / 11P
CMOS PARALLEL 64 x 5-BIT FIFO WITH FLAGS
logo
Cypress Semiconductor
CY7C408A-409A CYPRESS-CY7C408A-409A Datasheet
344Kb / 16P
64 x 8 Cascadable FIFO 64 x 9 Cascadable FIFO
CY7C401 CYPRESS-CY7C401 Datasheet
270Kb / 13P
64 x 4 Cascadable FIFO / 64 x 5 Cascadable FIFO
logo
Advanced Micro Devices
C67401 AMD-C67401 Datasheet
450Kb / 9P
FIRST - IN FIRST - OUT (FIFO) 64 X 4, 64 X 5 CASCADABLE MEMORY
logo
Integrated Device Techn...
IDT72401 IDT-IDT72401_05 Datasheet
89Kb / 9P
CMOS PARALLEL FIFO 64 x 4 and 64 x 5
logo
NXP Semiconductors
74HC7403-Q100 NXP-74HC7403-Q100 Datasheet
299Kb / 32P
4-bit x 64-word FIFO register; 3-state
Rev. 1-21 September 2012
logo
Renesas Technology Corp
IDT72413 RENESAS-IDT72413 Datasheet
384Kb / 11P
CMOS PARALLEL FIFO WITH FLAGS 64 x 5
JUNE 2012
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com