Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C470 Datasheet (PDF) - Cypress Semiconductor

CY7C470 Datasheet PDF - Cypress Semiconductor
Part # CY7C470
Download  CY7C470 Download
File Size   270.03 Kbytes
Page   15 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 8K x 9 FIFO, 16K x 9 FIFO 32K x 9 FIFO with Programmable Flags

CY7C470 Datasheet (PDF)

Go To PDF Page Download Datasheet
CY7C470 Datasheet PDF - Cypress Semiconductor

Part # CY7C470
Download  CY7C470 Click to download

File Size   270.03 Kbytes
Page   15 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 8K x 9 FIFO, 16K x 9 FIFO 32K x 9 FIFO with Programmable Flags

CY7C470 Datasheet (HTML) - Cypress Semiconductor


CY7C470 Product details

Functional Description
The CYC47X FIFO series consists of high-speed, low-power, first-in first-out (FIFO) memories with programmable flags and retransmit mark. The CY7C470, CY7C472, and CY7C474 are 8K, 16K, and 32K words by 9 bits wide, respectively. They are offered in 600-mil DIP, PLCC, and LCC packages. Each FIFO memory is organized such that the data is read in the same sequential order that it was written.

Features
• 8K x 9, 16K x 9, and 32K x 9 FIFO buffer memory
• Asynchronous read/write
• High-speed 33.3-MHz read/write independent of depth/width
• Low operating power
   — ICC (max.) = 70 mA
• Programmable Almost Full/Empty flag
• Empty, Almost Empty, Half Full, Almost Full, and Full status flags
• Programmable retransmit
• Expandable in width
• 5V ± 10% supply
• TTL compatible
• Three-state outputs
• Proprietary 0.8-micron CMOS technology




Similar Part No. - CY7C470

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C401 CYPRESS-CY7C401 Datasheet
270Kb / 13P
64 x 4 Cascadable FIFO / 64 x 5 Cascadable FIFO
CY7C401-10DC CYPRESS-CY7C401-10DC Datasheet
270Kb / 13P
64 x 4 Cascadable FIFO / 64 x 5 Cascadable FIFO
CY7C401-10DMB CYPRESS-CY7C401-10DMB Datasheet
270Kb / 13P
64 x 4 Cascadable FIFO / 64 x 5 Cascadable FIFO
CY7C401-10LMB CYPRESS-CY7C401-10LMB Datasheet
270Kb / 13P
64 x 4 Cascadable FIFO / 64 x 5 Cascadable FIFO
CY7C401-10PC CYPRESS-CY7C401-10PC Datasheet
270Kb / 13P
64 x 4 Cascadable FIFO / 64 x 5 Cascadable FIFO
More results


Similar Description - CY7C470

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MS7200L MOSEL-MS7200L Datasheet
175Kb / 11P
256 x 9, 512 x 9, 1K x 9 CMOS FIFO
logo
Sharp Corporation
LH5481 SHARP-LH5481 Datasheet
125Kb / 16P
Cascadable 64 x 8 FIFO Cascadable 64 x 9 FIFO
LH5496 SHARP-LH5496 Datasheet
141Kb / 16P
CMOS 512 x 9 FIFO
logo
Integrated Device Techn...
IDT7200L IDT-IDT7200L Datasheet
145Kb / 13P
CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9, 1,024 x 9
IDT72021 IDT-IDT72021 Datasheet
153Kb / 14P
CMOS ASYNCHRONOUS FIFO WITH RETRANSMIT 1K x 9, 2K x 9, 4K x 9
logo
Cypress Semiconductor
CY7C408A-409A CYPRESS-CY7C408A-409A Datasheet
344Kb / 16P
64 x 8 Cascadable FIFO 64 x 9 Cascadable FIFO
logo
List of Unclassifed Man...
VT7202 ETC-VT7202 Datasheet
431Kb / 8P
1,024 X 9 FIFO MEMORY
VT7203 ETC-VT7203 Datasheet
431Kb / 8P
2,048 X 9 FIFO MEMORY
logo
Sharp Corporation
LH5497 SHARP-LH5497 Datasheet
432Kb / 15P
CMOS 1K X 9 FIFO
logo
Integrated Device Techn...
7203L25J IDT-7203L25J Datasheet
311Kb / 10P
CMOS ASYNCHRONOUS FIFO 2,048 x 9, 4,096 x 9 8,192 x 9, 16,384 x 9
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com