Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3795 Datasheet (PDF) - Linear Technology

LT3795 Datasheet PDF - Linear Technology
Part # LT3795
Download  LT3795 Download
File Size   352.56 Kbytes
Page   26 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description 38VIN Boost 關Module Regulator for LED Drive with 10A Switch

LT3795 Datasheet (PDF)

Go To PDF Page Download Datasheet
LT3795 Datasheet PDF - Linear Technology

Part # LT3795
Download  LT3795 Click to download

File Size   352.56 Kbytes
Page   26 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description 38VIN Boost 關Module Regulator for LED Drive with 10A Switch

LT3795 Datasheet (HTML) - Linear Technology




Similar Part No. - LT3795

ManufacturerPart #DatasheetDescription
logo
Linear Dimensions Semic...
LT3795 LINEAR_DIMENSIONS-LT3795 Datasheet
438Kb / 28P
110V LED Controller with Spread Spectrum Frequency Modulation
logo
Linear Integrated Syste...
LT3795 LINEAR-LT3795 Datasheet
2Mb / 30P
36V, 2A Synchronous Step-Up LED Driver
logo
Linear Technology
LT3795 LINER-LT3795 Datasheet
398Kb / 8P
110V LED Controller with Spread Spectrum Frequency Modulation
LT3795 LINER-LT3795 Datasheet
589Kb / 30P
110V LED Controller with Spread Spectrum Frequency Modulation
logo
Analog Devices
LT3795 AD-LT3795 Datasheet
2Mb / 32P
60VIN, 100VOUT Synchronous 4-Switch Buck-Boost LED Driver Controller with Low EMI
10/20-REV.A
More results


Similar Description - LT3795

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4633 LINER-LTM4633 Datasheet
519Kb / 32P
Triple 10A Step-DownDC/DC 關Module Regulator
LTM4646 LINER-LTM4646 Datasheet
533Kb / 34P
Dual 10A or Single 20A 關Module Regulator
LTM4648 LINER-LTM4648 Datasheet
380Kb / 28P
Low VIN, 10A Step-Down 關Module Regulator
LTM4649 LINER-LTM4649 Datasheet
1Mb / 30P
10A Step-Down DC/DC 關Module Regulator
LTM4649EY LINER-LTM4649EY Datasheet
667Kb / 8P
High Efficiency 10A Step-Down 關Module Regulator
LTM8055 LINER-LTM8055 Datasheet
516Kb / 26P
36VIN, 8.5A Buck-Boost 關Module Regulator
LTM8056 LINER-LTM8056 Datasheet
1Mb / 28P
58VIN, 48VOUT Buck-Boost 關Module Regulator
logo
Analog Devices
LTM8083 AD-LTM8083 Datasheet
2Mb / 24P
36V, 1.5A Buck-Boost 關Module Regulator
LTM4656 AD-LTM4656 Datasheet
2Mb / 28P
Synchronous Boost 關Module Regulator with Input-Output Short Protection
logo
Silicon Mitus, Inc.
SM2006 SILICONMITUS-SM2006 Datasheet
266Kb / 1P
6 Channel White LED Driver with Internal-switch Boost Regulator for High Power LED
Februay 2018 Rev. 0.0.0
More results




About Linear Technology


Linear Technology was a publicly traded company that designed, manufactured, and marketed a wide range of analog integrated circuits (ICs) for applications in industrial, automotive, communications, and computing industries.
The company was founded in 1981 and was headquartered in Milpitas, California.
Linear Technology was acquired by Analog Devices, Inc. in 2017.
Linear Technology was known for its high-performance analog ICs, including amplifiers, voltage regulators, data converters, power management ICs, and interface products.
The company's products were designed for use in a variety of applications, including automotive, industrial, and energy management systems, among others.
With a focus on innovation and customer satisfaction, Linear Technology was committed to providing its customers with high-quality, reliable solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com