Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM2006 Datasheet (PDF) - Silicon Mitus, Inc.

SM2006 Datasheet PDF - Silicon Mitus, Inc.
Part # SM2006
Download  SM2006 Download
File Size   266.44 Kbytes
Page   1 Pages
Manufacturer  SILICONMITUS [Silicon Mitus, Inc.]
Direct Link  http://www.siliconmitus.com/
Logo SILICONMITUS - Silicon Mitus, Inc.
Description 6 Channel White LED Driver with Internal-switch Boost Regulator for High Power LED

SM2006 Datasheet (PDF)

Go To PDF Page Download Datasheet
SM2006 Datasheet PDF - Silicon Mitus, Inc.

Part # SM2006
Download  SM2006 Click to download

File Size   266.44 Kbytes
Page   1 Pages
Manufacturer  SILICONMITUS [Silicon Mitus, Inc.]
Direct Link  http://www.siliconmitus.com/
Logo SILICONMITUS - Silicon Mitus, Inc.
Description 6 Channel White LED Driver with Internal-switch Boost Regulator for High Power LED

SM2006 Datasheet (HTML) - Silicon Mitus, Inc.


SM2006 Product details

Features
 2.7 V to 24 V Input Supply Voltage Range
 Maximum Output Adjustable up to 47 V
 High-Efficiency Step-up Regulator
. Peak-Current Mode Control – Fast Transient
. 115 kHz to 1.1 MHz Adjustable Switching Frequency
. Built-in 50 V, 2.5 A, 180 mΩ MOSFET
 Six LED Current Sources
. Full-Scale LED Current Adjustable up to 40 mA
. ± 1% Current Matching Between Channels
. Headroom Control to Maximize Efficiency
 Dimming Control
. Wide PDIM Input Frequency: 100 Hz to 15 kHz
. Adjustable Output Dimming Frequency: 1 kHz to 22 kHz
. Selectable Dimming Control
 Protections
. Output Overvoltage Protection
. LED Open Circuit Protection
. Thermal Shutdown
Applications
 Notebook Backlighting
 LCD Monitor LED Backlighting




Similar Part No. - SM2006

ManufacturerPart #DatasheetDescription
logo
Sinopower Semiconductor...
SM2006NSK SINOPWER-SM2006NSK Datasheet
176Kb / 12P
N-Channel Enhancement Mode MOSFET
SM2006NSKC-TRG SINOPWER-SM2006NSKC-TRG Datasheet
176Kb / 12P
N-Channel Enhancement Mode MOSFET
More results


Similar Description - SM2006

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6690 SIPEX-SP6690 Datasheet
270Kb / 16P
Micro Power Boost Regulator Series White LED Driver
SP6691 SIPEX-SP6691 Datasheet
253Kb / 15P
Micro Power Boost Regulator Series White LED Driver
SP6691 SIPEX-SP6691_07 Datasheet
698Kb / 15P
SOT23Micro Power Boost Regulator Series White LED Driver
logo
Alpha & Omega Semicondu...
AOZ1950 AOSMD-AOZ1950 Datasheet
1Mb / 14P
Boost Regulator White LED Driver
logo
Global Mixed-mode Techn...
G2542 GMT-G2542 Datasheet
118Kb / 1P
6-Channels 40V White LED Driver with Boost Regulator
G2541 GMT-G2541 Datasheet
120Kb / 1P
6-Channels 40V White LED Driver with Boost Regulator
logo
Silicon Mitus, Inc.
SM2001 SILICONMITUS-SM2001 Datasheet
267Kb / 1P
4 Channel White LED Driver with Internal-switch Boost Regulator
Februay 2018 Rev. 0.0.0
SM21BLA SILICONMITUS-SM21BLA Datasheet
264Kb / 1P
2 Channel White LED Driver with Internal-switch Buck Regulator
Februay 2018 Rev. 0.0.0
SM4500 SILICONMITUS-SM4500 Datasheet
267Kb / 1P
6 Channel White LED Driver with Internal-switch Boost Regulator
Februay 2018 Rev. 0.0.0
logo
Richtek Technology Corp...
RT8532 RICHTEK-RT8532 Datasheet
252Kb / 14P
6-String 43V White LED Driver with Boost Regulator
January 2014
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com