Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM21BLA Datasheet (PDF) - Silicon Mitus, Inc.

SM21BLA Datasheet PDF - Silicon Mitus, Inc.
Part # SM21BLA
Download  SM21BLA Download
File Size   264.96 Kbytes
Page   1 Pages
Manufacturer  SILICONMITUS [Silicon Mitus, Inc.]
Direct Link  http://www.siliconmitus.com/
Logo SILICONMITUS - Silicon Mitus, Inc.
Description 2 Channel White LED Driver with Internal-switch Buck Regulator

SM21BLA Datasheet (PDF)

Go To PDF Page Download Datasheet
SM21BLA Datasheet PDF - Silicon Mitus, Inc.

Part # SM21BLA
Download  SM21BLA Click to download

File Size   264.96 Kbytes
Page   1 Pages
Manufacturer  SILICONMITUS [Silicon Mitus, Inc.]
Direct Link  http://www.siliconmitus.com/
Logo SILICONMITUS - Silicon Mitus, Inc.
Description 2 Channel White LED Driver with Internal-switch Buck Regulator

SM21BLA Datasheet (HTML) - Silicon Mitus, Inc.


SM21BLA Product details

Features
 4.5 V to 26 V Input Supply Voltage Range
 Step-down Regulator
. Voltage Mode Control
. Adjustable Switching Frequency
. Over Current Protection and Soft Start
 Dimming Control
. Wide PDIM Input Frequency: 100 Hz to 20 kHz
. Direct PWM Dimming Control
 Two Channel Current Source Drivers
. 3% Current Matching Between Channels
. Head Room Control to Maximize Efficiency
 5 V LDO
 Protections
. Output Overvoltage Protection
. LED Open Circuit Protection
. Thermal Shut Down Protection
Applications
 Notebook LED Backlighting
 LCD Monitor LED Backlighting




Similar Part No. - SM21BLA

ManufacturerPart #DatasheetDescription
logo
JST Mfg. Co., Ltd.
SM21B-SHLVS-G-TB JST-SM21B-SHLVS-G-TB Datasheet
159Kb / 2P
1.0 mm pitch/Disconnectable Crimp style connectors
More results


Similar Description - SM21BLA

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM1361S UNIONSEMI-UM1361S Datasheet
480Kb / 13P
Hysteretic Buck High Brightness LED Driver with Internal Switch
UM1360 UNIONSEMI-UM1360 Datasheet
855Kb / 14P
Hysteretic Buck High Brightness LED Driver with Internal Switch
UM1351 UNIONSEMI-UM1351 Datasheet
849Kb / 14P
Hysteretic Buck High Brightness LED Driver with Internal Switch
logo
Integrated Silicon Solu...
IS31LT3353 ISSI-IS31LT3353 Datasheet
409Kb / 15P
40V/1A BUCK LED DRIVER WITH INTERNAL SWITCH
logo
Union Semiconductor, In...
UM1351 UNIONSEMI-UM1351_16 Datasheet
467Kb / 14P
Hysteretic Buck High Brightness LED Driver with Internal Switch
UM1360 UNIONSEMI-UM1360_16 Datasheet
603Kb / 13P
Hysteretic Buck High Brightness LED Driver with Internal Switch
UM1361S UNIONSEMI-UM1361S_16 Datasheet
488Kb / 13P
Hysteretic Buck High Brightness LED Driver with Internal Switch
logo
Silicon Mitus, Inc.
SM2001 SILICONMITUS-SM2001 Datasheet
267Kb / 1P
4 Channel White LED Driver with Internal-switch Boost Regulator
Februay 2018 Rev. 0.0.0
SM2006 SILICONMITUS-SM2006 Datasheet
266Kb / 1P
6 Channel White LED Driver with Internal-switch Boost Regulator for High Power LED
Februay 2018 Rev. 0.0.0
SM4500 SILICONMITUS-SM4500 Datasheet
267Kb / 1P
6 Channel White LED Driver with Internal-switch Boost Regulator
Februay 2018 Rev. 0.0.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com