Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6691 Datasheet (PDF) - Sipex Corporation

SP6691 Datasheet PDF - Sipex Corporation
Part # SP6691
Download  SP6691 Download
File Size   253.19 Kbytes
Page   15 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description Micro Power Boost Regulator Series White LED Driver

SP6691 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP6691 Datasheet PDF - Sipex Corporation

Part # SP6691
Download  SP6691 Click to download

File Size   253.19 Kbytes
Page   15 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description Micro Power Boost Regulator Series White LED Driver

SP6691 Datasheet (HTML) - Sipex Corporation


SP6691 Product details

DESCRIPTION
The SP6691 is a micro power boost regulator that is specifically designed for powering series configuration white LED. The part utilizes fixed off time architecture and consumes only 10nA quiescent current in shutdown. Low voltage operation, down to 1V, fully utilizes maximal battery life. The SP6691 is offered in a 8 Pin DFN, 5-pin SOT-23 or 5 Pin TSOT package and enables the construction of a complete regulator occupying < 0.2 in2 board space.

FEATURES
■ Drives up to 6 LEDs @ 25mA
■ Drives up to 8 LEDs @ 20mA
■ High Output Voltage: Up to 30V
■ Optimized for Single Supply,
   2.7V - 4.2V Applications
■ Operates Down to 1V
■ High Efficiency: Greater Than 75%
■ Low Quiescent Current: 20µA
■ Ultra Low Shutdown Current: 10nA
■ Single Battery Cell Operation
■ Programmable Output Voltage
■ 1Ω switch (350mV at 350mA)
■ Lead Free, RoHS Compliant Packages:
   8 Pin DFN, 5 Pin TSOT or 5 Pin SOT23

APPLICATIONS
■ White LED Driver
■ High Voltage Bias
■ Digital Cameras
■ Cell Phone
■ Battery Backup
■ Handheld Computers




Similar Part No. - SP6691

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6691 SIPEX-SP6691 Datasheet
698Kb / 15P
SOT23Micro Power Boost Regulator Series White LED Driver
SP6691EB SIPEX-SP6691EB Datasheet
178Kb / 6P
Evaluation Board Manual
SP6691EK SIPEX-SP6691EK Datasheet
698Kb / 15P
SOT23Micro Power Boost Regulator Series White LED Driver
SP6691EK/TR SIPEX-SP6691EK/TR Datasheet
698Kb / 15P
SOT23Micro Power Boost Regulator Series White LED Driver
SP6691EK1 SIPEX-SP6691EK1 Datasheet
698Kb / 15P
SOT23Micro Power Boost Regulator Series White LED Driver
More results


Similar Description - SP6691

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6690 SIPEX-SP6690 Datasheet
270Kb / 16P
Micro Power Boost Regulator Series White LED Driver
logo
Micrel Semiconductor
MIC2297 MICREL-MIC2297 Datasheet
272Kb / 12P
40V PWM Boost Regulator White LED Driver
logo
Intersil Corporation
EL7630 INTERSIL-EL7630 Datasheet
223Kb / 7P
White LED Boost Regulator
June 28, 2005
EL7630 INTERSIL-EL7630_06 Datasheet
222Kb / 7P
White LED Boost Regulator
February 22, 2006
logo
Sipex Corporation
SP6691 SIPEX-SP6691_07 Datasheet
698Kb / 15P
SOT23Micro Power Boost Regulator Series White LED Driver
logo
Micrel Semiconductor
MIC2297 MICREL-MIC2297_08 Datasheet
281Kb / 11P
40V PWM Boost Regulator White LED Driver
logo
Alpha & Omega Semicondu...
AOZ1950 AOSMD-AOZ1950 Datasheet
1Mb / 14P
Boost Regulator White LED Driver
logo
STMicroelectronics
STCF07 STMICROELECTRONICS-STCF07 Datasheet
505Kb / 26P
High power buck-boost white LED driver
10-Sep-2012
logo
Renesas Technology Corp
EL7630 RENESAS-EL7630 Datasheet
388Kb / 7P
White LED Boost Regulator
logo
Richtek Technology Corp...
RT8532 RICHTEK-RT8532 Datasheet
252Kb / 14P
6-String 43V White LED Driver with Boost Regulator
January 2014
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com