Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCF07 Datasheet (PDF) - STMicroelectronics

STCF07 Datasheet PDF - STMicroelectronics
Part # STCF07
Download  STCF07 Download
File Size   505.08 Kbytes
Page   26 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High power buck-boost white LED driver

STCF07 Datasheet (PDF)

Go To PDF Page Download Datasheet
STCF07 Datasheet PDF - STMicroelectronics

Part # STCF07
Download  STCF07 Click to download

File Size   505.08 Kbytes
Page   26 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High power buck-boost white LED driver

STCF07 Datasheet (HTML) - STMicroelectronics


STCF07 Product details

Description
The STCF07 is a dedicated, size-optimized solution for driving a power LED. The device is a buck-boost converter which guarantees proper LED current control over all possible battery voltage and LED forward voltage conditions. The output current control ensures good current regulation over the forward voltage spread characteristics of high-brightness LEDs. The device includes various functions to protect the chip and the power LEDs. These include soft-start control as well as detection and protection of chip overtemperature and shorted LEDs. An optional external NTC is supported to protect the LEDs against overheating. It is possible to separately program the current intensity in HIGH and LOW mode using the SEL pin. The device is housed in a 16-lead QFN16 (4 x 4 mm) package with a height less than 1 mm. QFN16 (4 x 4 mm)

Features
■ Buck-boost DC-DC converter
■ Drives one power LED up to 1 A in flash mode
■ Drives one power LED up to 800 mA in continuous mode
■ LED temperature protection
■ Output current control
■ 1.8 MHz (typ.) fixed frequency PWM
■ Synchronous rectification
■ High efficiency across the total input voltage range
■ Operational modes: – Shutdown mode – High current mode: up to 1 A – Low current mode: from 20 mA
■ Adjustable current in both modes
■ Peak inductor limited to 2.3 A (typ.)
■ LED disconnected from the battery in shutdown mode
■ NTC LED temperature protection
■ Overvoltage protection: 5.3 V
■ Short-circuit protection
■ Overtemperature protection
■ ULVLO function
■ 1 µA max shutdown current
■ QFN16 (4 x 4 x 1 mm) 16 leads

Applications
■ Camera flash for mobile phones
■ Power supply for high power LEDs




Similar Part No. - STCF07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STCF01 STMICROELECTRONICS-STCF01 Datasheet
481Kb / 16P
Step-up Converter for Cell Phone Camera Flash LEDs
10-Oct-2005
STCF01 STMICROELECTRONICS-STCF01 Datasheet
348Kb / 16P
Step-up converter for cell phone camera flash LEDs
18-Oct-2006
STCF01PMR STMICROELECTRONICS-STCF01PMR Datasheet
481Kb / 16P
Step-up Converter for Cell Phone Camera Flash LEDs
10-Oct-2005
STCF01PMR STMICROELECTRONICS-STCF01PMR Datasheet
348Kb / 16P
Step-up converter for cell phone camera flash LEDs
18-Oct-2006
STCF01 STMICROELECTRONICS-STCF01_06 Datasheet
348Kb / 16P
Step-up converter for cell phone camera flash LEDs
18-Oct-2006
More results


Similar Description - STCF07

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV0059 MPS-EV0059 Datasheet
247Kb / 4P
MP1567: Buck Boost Lumileds White LED Driver
logo
Linear Technology
LTC3452 LINER-LTC3452 Datasheet
279Kb / 16P
Synchronous Buck-Boost MAIN/CAMERA White LED Driver
LTC3453 LINER-LTC3453 Datasheet
199Kb / 12P
Synchronous Buck-Boost High Power White LED Driver
logo
Eutech Microelectronics...
EUP2983 EUTECH-EUP2983 Datasheet
681Kb / 8P
White LED Driver For Buck-Boost Application
logo
Linear Technology
LTC3452 LINER-LTC3452_15 Datasheet
284Kb / 16P
Synchronous Buck-Boost MAIN/CAMERA White LED Driver
LTC3453 LINER-LTC3453_15 Datasheet
205Kb / 12P
Synchronous Buck-Boost High Power White LED Driver
logo
Rohm
BD81A24MUV-M ROHM-BD81A24MUV-M Datasheet
1Mb / 40P
4ch White LED Driver with Buck-Boost
BD81A44MUV-M ROHM-BD81A44MUV-M Datasheet
1Mb / 39P
4ch White LED Driver with Buck-Boost
logo
Maxic Technology Corpor...
MT7282 MAXIC-MT7282 Datasheet
353Kb / 1P
Boost/Buck-Boost/Buck White LED Driver With High Frequency PWM Dimming
MT7285 MAXIC-MT7285 Datasheet
190Kb / 1P
Boost/Buck-Boost/Buck White LED Driver With High Frequency PWM Dimming
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com