Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EV0059 Datasheet (PDF) - Monolithic Power Systems

EV0059 Datasheet PDF - Monolithic Power Systems
Part # EV0059
Download  EV0059 Download
File Size   247.49 Kbytes
Page   4 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description MP1567: Buck Boost Lumileds White LED Driver

EV0059 Datasheet (PDF)

Go To PDF Page Download Datasheet
EV0059 Datasheet PDF - Monolithic Power Systems

Part # EV0059
Download  EV0059 Click to download

File Size   247.49 Kbytes
Page   4 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description MP1567: Buck Boost Lumileds White LED Driver

EV0059 Datasheet (HTML) - Monolithic Power Systems


EV0059 Product details

General Description
The EV0059 evaluation board is designed to drive Lumileds White LEDs using MPS’ MP1567 step down converter. The EV0059 circuit is a positive to negative voltage converter with a positive input voltage range of 2.6V to 6V. The generated output voltage can be as low as -18V with respect to ground.

Lumileds Emitter Features
■ Highest Flux per LED in the world o Up to 120 lumens
■ Very long operating life (up to100k hours)
■ Superior ESD protection
■ More Energy Efficient than Incandescent and most Halogen lamps
■ Available in White, Green, Blue, Royal Blue, Cyan, Red, Red-Orange, and Amber

MP1567 Features
■ 2A Peak Current Limit
■ Internal 180mΩ and 220mΩ Power Switches
■ > 90% efficiency
■ Zero Current Shutdown Mode
■ Under Voltage Lockout Protection
■ Soft Start Operation
■ Thermal Shutdown
■ Internal Current Limit (Source & Sink)

Applications
■ Handheld Computers, PDAs
■ Cell phones, Digital and Video Cameras
■ Small LCD Display




Similar Part No. - EV0059

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV0059 MPS-EV0059 Datasheet
302Kb / 11P
1.2A Synchronous Rectified Step-Down Converter
More results


Similar Description - EV0059

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3452 LINER-LTC3452 Datasheet
279Kb / 16P
Synchronous Buck-Boost MAIN/CAMERA White LED Driver
LTC3453 LINER-LTC3453 Datasheet
199Kb / 12P
Synchronous Buck-Boost High Power White LED Driver
logo
Eutech Microelectronics...
EUP2983 EUTECH-EUP2983 Datasheet
681Kb / 8P
White LED Driver For Buck-Boost Application
logo
Linear Technology
LTC3452 LINER-LTC3452_15 Datasheet
284Kb / 16P
Synchronous Buck-Boost MAIN/CAMERA White LED Driver
LTC3453 LINER-LTC3453_15 Datasheet
205Kb / 12P
Synchronous Buck-Boost High Power White LED Driver
logo
STMicroelectronics
STCF07 STMICROELECTRONICS-STCF07 Datasheet
505Kb / 26P
High power buck-boost white LED driver
10-Sep-2012
logo
Rohm
BD81A24MUV-M ROHM-BD81A24MUV-M Datasheet
1Mb / 40P
4ch White LED Driver with Buck-Boost
BD81A44MUV-M ROHM-BD81A44MUV-M Datasheet
1Mb / 39P
4ch White LED Driver with Buck-Boost
logo
Maxic Technology Corpor...
MT7282 MAXIC-MT7282 Datasheet
353Kb / 1P
Boost/Buck-Boost/Buck White LED Driver With High Frequency PWM Dimming
MT7285 MAXIC-MT7285 Datasheet
190Kb / 1P
Boost/Buck-Boost/Buck White LED Driver With High Frequency PWM Dimming
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com