Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCF07 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STCF07
Description  High power buck-boost white LED driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCF07 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STCF07 Datasheet HTML 2Page - STMicroelectronics STCF07 Datasheet HTML 3Page - STMicroelectronics STCF07 Datasheet HTML 4Page - STMicroelectronics STCF07 Datasheet HTML 5Page - STMicroelectronics STCF07 Datasheet HTML 6Page - STMicroelectronics STCF07 Datasheet HTML 7Page - STMicroelectronics STCF07 Datasheet HTML 8Page - STMicroelectronics STCF07 Datasheet HTML 9Page - STMicroelectronics STCF07 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
Maximum ratings
STCF07
6/26
Doc ID 16757 Rev 3
3
Maximum ratings
Note:
Absolute maximum ratings are those values beyond which damage to the device may occur.
Functional operation under these condition is not implied.
Table 3.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VBAT
Signal supply voltage
-0.3 to 6
V
PVBAT
Power supply voltage
-0.3 to 6
V
VLX1A, VLX1B
Inductor connection 1
-0.3 to VI+0.3
V
VLX2
Inductor connection 2
-0.3 to VI+0.3
V
VOUT
Output voltage
-0.3 to 6
V
FB1, FB2, FB2S
Feedback and sense voltage
-0.3 to 3
V
RX
Connection for reference resistor
-0.3 to 3
V
CSEL
Current selection
-0.3 to VI+0.3
V
EN
Enable
-0.3 to VI+0.3
V
FAULT
Diagnostic
-0.3 to VI+0.3
V
NTC
Connection for LED temperature sensing
-0.3 to 3
V
ESD
Human body model
±2kV
PTOT
Continuous power dissipation (at TA = 70 °C)
800
mW
TOP
Operating junction temperature range
-40 to 85
°C
TJ
Junction temperature
-40 to 150
°C
TSTG
Storage temperature range
-65 to 150
°C
Table 4.
Thermal data
Symbol
Parameter
Value
Unit
RthJA
(1)
Thermal resistance junction-ambient
31
°C/W
1.
Junction-to-ambient thermal resistance in JEDEC still air chamber. Thermal test board JESD51-7 (leaded surface mount
packages).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com