Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCF07 Datasheet(PDF) 20 Page - STMicroelectronics

Part # STCF07
Description  High power buck-boost white LED driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCF07 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STCF07 Datasheet HTML 16Page - STMicroelectronics STCF07 Datasheet HTML 17Page - STMicroelectronics STCF07 Datasheet HTML 18Page - STMicroelectronics STCF07 Datasheet HTML 19Page - STMicroelectronics STCF07 Datasheet HTML 20Page - STMicroelectronics STCF07 Datasheet HTML 21Page - STMicroelectronics STCF07 Datasheet HTML 22Page - STMicroelectronics STCF07 Datasheet HTML 23Page - STMicroelectronics STCF07 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
External component selection
STCF07
20/26
Doc ID 16757 Rev 3
11
External component selection
11.1
Input and output capacitor selection
For input and output capacitors it is recommended to use ceramic capacitors with low ESR.
For good device stability when supplied by a low input voltage of 2.7 V at maximum ratings,
it is recommended to use 10 µF / 6.3 V as a minimum value for the input capacitor, and 4.7
µF / 6.3 V as a minimum value for the output capacitor.
Note:
See recommended components in Table 5 on page 7.
11.2
Inductor selection
A thick, shielded inductor with low DC series wiring resistance is recommended for this
application. For good efficiency, it is recommended to use an inductor with a series DC
resistance of RDCL < RD / 10, where RD is the dynamic resistance of the LED.
For nominal operation, the peak inductor current can be calculated using the formula:
IPEAK = {(IOUT / η) + [(VOUT - VIN) x VIN²) / (2 x L x F x VOUT²)]} x VOUT / VIN
where:
IPEAK = peak inductor current
IOUT = current sourced at pin VOUT
η = efficiency of the STCF07
VOUT = output voltage at pin VOUT
VIN = input voltage at pin VIN
L = inductance value of the inductor
F = switching frequency
Note:
See recommended components in Table 5 on page 7.
11.3
LED selection
All LEDs with forward voltages from 2.7 V to 5 V are suitable for use with STCF07 device.
The LED forward voltage must include the voltage spread of this value. It is possible to set
the LED current in the two different operating modes (high current mode and low current
mode) through two external sensing resistors.
Note:
See recommended components in Table 5 on page 7.
11.4
RHC selection
The RHC resistor value can be calculated using equations RHC = 160 mV / IHC and PRHC =
RHC * IHC
2, where P
RHC is the dissipated power on the RHC resistor. It is recommended to
use a 1206 package size thin metal film resistor with 1% or 5% maximum tolerance. The
maximum high LED current for the STCF07 device is 800 mA with a battery voltage range
2.7 V to 5.5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com