Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCF07 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STCF07
Description  High power buck-boost white LED driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCF07 Datasheet(HTML) 5 Page - STMicroelectronics

  STCF07 Datasheet HTML 1Page - STMicroelectronics STCF07 Datasheet HTML 2Page - STMicroelectronics STCF07 Datasheet HTML 3Page - STMicroelectronics STCF07 Datasheet HTML 4Page - STMicroelectronics STCF07 Datasheet HTML 5Page - STMicroelectronics STCF07 Datasheet HTML 6Page - STMicroelectronics STCF07 Datasheet HTML 7Page - STMicroelectronics STCF07 Datasheet HTML 8Page - STMicroelectronics STCF07 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
STCF07
Pin configuration
Doc ID 16757 Rev 3
5/26
2
Pin configuration
Figure 2.
STCF07 pin connections (top view)
Table 2.
STCF07 pin description
Pin n°
Symbol
Description
1
VLX2
Inductor VLX2 connection
8RX
RX resistor connection
2
NTC
NTC resistor connection
3
VOUT
Output voltage
4
FB1
Feedback pin [ILED*(RHC+RLC)]
5FB2
RTR bypass
6
FB2S
Feedback pin [ILED*RHC]
14
GND
Signal ground
13
CSEL
Current selection
7EN
Enable
16
FAULT
Diagnostic
9
PVBAT
Power supply voltage
10
VBAT
Supply voltage
11
VLX1A
Inductor VLX1 connection
12
VLX1B
Inductor VLX1 connection
15
PGND
Power ground
Exposed pad
PGND
To be connected to the PCB ground plane for optimal electrical and
thermal performance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com