Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCF07 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STCF07
Description  High power buck-boost white LED driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCF07 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STCF07 Datasheet HTML 3Page - STMicroelectronics STCF07 Datasheet HTML 4Page - STMicroelectronics STCF07 Datasheet HTML 5Page - STMicroelectronics STCF07 Datasheet HTML 6Page - STMicroelectronics STCF07 Datasheet HTML 7Page - STMicroelectronics STCF07 Datasheet HTML 8Page - STMicroelectronics STCF07 Datasheet HTML 9Page - STMicroelectronics STCF07 Datasheet HTML 10Page - STMicroelectronics STCF07 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
STCF07
Application information
Doc ID 16757 Rev 3
7/26
4
Application information
Note:
Represents a typical application schematic for an output current of 800 mA (max) in
continuous mode operation. For pulse/flash mode operation it is possible to increase the
maximum output current up to 1 A. If the battery voltage is higher than 3.1 V, the chip is
capable of delivering the maximum output current of up to 1 A in continuos mode.
Note:
The above-listed external components refer to a typical application. Operation of the
STCF07 is not limited to the use of these components.
Figure 3.
Application schematic diagram
VBAT
PVBAT
ENABLE
CSEL
FAULT
VLX1 VLX1
NTC
FB1
FB2
FB2S
VOUT
GND
PGND
C
IN
R
HC
R
LC
LED
NTC
VLX2
RX
R
X
C
OUT
Optional components
V
IN
L
VBAT
PVBAT
ENABLE
CSEL
FAULT
VLX1 VLX1
NTC
FB1
FB2
FB2S
VOUT
GND
PGND
C
IN
R
HC
R
LC
LED
NTC
VLX2
RX
R
X
C
OUT
Optional components
V
IN
L
Table 5.
List of external components
Component
Manufacturer
Part number
Value
Size
RHC
Welwyn
LR1206-R20FI (1)
0.2
Ω
1206
KOA
SR732BTTDR160F (2)
0.16
Ω
1206
RLC
Tyco Electronics
CRL1220T1R8J
1.8
Ω
0805
CIN
TDK
C1608X5R0J106MT
10 µF
0603
COUT
TDK
C1608X5R0J475M
4.7 µF
0603
LTDK
VLF4014ST-2R2M1R9 (1)
2.2 µH / 1.4 A
3.5x3.8x1.4 mm
VLF5014S-2R2M2R3 (2)
2.2 µH / 2.3 A
4.6x4.8x1.4 mm
NTC
MURATA
NCP18WF104J03RB
100 k
Ω
0805
RX
Tyco Electronics
1-1879132-9
15 k
Ω
0402
LED
Luxeon
LXHL_PW09
1.
For 800 mA output current performance.
2.
For 1000 mA output current performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com