Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCF07 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STCF07
Description  High power buck-boost white LED driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCF07 Datasheet(HTML) 1 Page - STMicroelectronics

  STCF07 Datasheet HTML 1Page - STMicroelectronics STCF07 Datasheet HTML 2Page - STMicroelectronics STCF07 Datasheet HTML 3Page - STMicroelectronics STCF07 Datasheet HTML 4Page - STMicroelectronics STCF07 Datasheet HTML 5Page - STMicroelectronics STCF07 Datasheet HTML 6Page - STMicroelectronics STCF07 Datasheet HTML 7Page - STMicroelectronics STCF07 Datasheet HTML 8Page - STMicroelectronics STCF07 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
This is information on a product in full production.
September 2012
Doc ID 16757 Rev 3
1/26
26
STCF07
High power buck-boost white LED driver
Datasheet
production data
Features
Buck-boost DC-DC converter
Drives one power LED up to 1 A in flash mode
Drives one power LED up to 800 mA in
continuous mode
LED temperature protection
Output current control
1.8 MHz (typ.) fixed frequency PWM
Synchronous rectification
High efficiency across the total input voltage
range
Operational modes:
– Shutdown mode
– High current mode: up to 1 A
– Low current mode: from 20 mA
Adjustable current in both modes
Peak inductor limited to 2.3 A (typ.)
LED disconnected from the battery in
shutdown mode
NTC LED temperature protection
Overvoltage protection: 5.3 V
Short-circuit protection
Overtemperature protection
ULVLO function
1 µA max shutdown current
QFN16 (4 x 4 x 1 mm) 16 leads
Applications
Camera flash for mobile phones
Power supply for high power LEDs
Description
The STCF07 is a dedicated, size-optimized
solution for driving a power LED. The device is a
buck-boost converter which guarantees proper
LED current control over all possible battery
voltage and LED forward voltage conditions. The
output current control ensures good current
regulation over the forward voltage spread
characteristics of high-brightness LEDs. The
device includes various functions to protect the
chip and the power LEDs. These include soft-start
control as well as detection and protection of chip
overtemperature and shorted LEDs. An optional
external NTC is supported to protect the LEDs
against overheating. It is possible to separately
program the current intensity in HIGH and LOW
mode using the SEL pin. The device is housed in
a 16-lead QFN16 (4 x 4 mm) package with a
height less than 1 mm.
QFN16 (4 x 4 mm)
Table 1.
Device summary
Order code
Package
Packaging
STCF07PNR
QFN16 (4 x 4 mm)
Tape and reel
www.st.com


Similar Part No. - STCF07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STCF01 STMICROELECTRONICS-STCF01 Datasheet
481Kb / 16P
Step-up Converter for Cell Phone Camera Flash LEDs
10-Oct-2005
STCF01 STMICROELECTRONICS-STCF01 Datasheet
348Kb / 16P
Step-up converter for cell phone camera flash LEDs
18-Oct-2006
STCF01PMR STMICROELECTRONICS-STCF01PMR Datasheet
481Kb / 16P
Step-up Converter for Cell Phone Camera Flash LEDs
10-Oct-2005
STCF01PMR STMICROELECTRONICS-STCF01PMR Datasheet
348Kb / 16P
Step-up converter for cell phone camera flash LEDs
18-Oct-2006
STCF01 STMICROELECTRONICS-STCF01_06 Datasheet
348Kb / 16P
Step-up converter for cell phone camera flash LEDs
18-Oct-2006
More results

Similar Description - STCF07

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV0059 MPS-EV0059 Datasheet
247Kb / 4P
MP1567: Buck Boost Lumileds White LED Driver
logo
Linear Technology
LTC3452 LINER-LTC3452 Datasheet
279Kb / 16P
Synchronous Buck-Boost MAIN/CAMERA White LED Driver
LTC3453 LINER-LTC3453 Datasheet
199Kb / 12P
Synchronous Buck-Boost High Power White LED Driver
logo
Eutech Microelectronics...
EUP2983 EUTECH-EUP2983 Datasheet
681Kb / 8P
White LED Driver For Buck-Boost Application
logo
Linear Technology
LTC3452 LINER-LTC3452_15 Datasheet
284Kb / 16P
Synchronous Buck-Boost MAIN/CAMERA White LED Driver
LTC3453 LINER-LTC3453_15 Datasheet
205Kb / 12P
Synchronous Buck-Boost High Power White LED Driver
logo
Rohm
BD81A24MUV-M ROHM-BD81A24MUV-M Datasheet
1Mb / 40P
4ch White LED Driver with Buck-Boost
BD81A44MUV-M ROHM-BD81A44MUV-M Datasheet
1Mb / 39P
4ch White LED Driver with Buck-Boost
logo
Maxic Technology Corpor...
MT7282 MAXIC-MT7282 Datasheet
353Kb / 1P
Boost/Buck-Boost/Buck White LED Driver With High Frequency PWM Dimming
MT7285 MAXIC-MT7285 Datasheet
190Kb / 1P
Boost/Buck-Boost/Buck White LED Driver With High Frequency PWM Dimming
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com