Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCF07 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STCF07
Description  High power buck-boost white LED driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCF07 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STCF07 Datasheet HTML 9Page - STMicroelectronics STCF07 Datasheet HTML 10Page - STMicroelectronics STCF07 Datasheet HTML 11Page - STMicroelectronics STCF07 Datasheet HTML 12Page - STMicroelectronics STCF07 Datasheet HTML 13Page - STMicroelectronics STCF07 Datasheet HTML 14Page - STMicroelectronics STCF07 Datasheet HTML 15Page - STMicroelectronics STCF07 Datasheet HTML 16Page - STMicroelectronics STCF07 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
STCF07
Detailed description
Doc ID 16757 Rev 3
13/26
8.6
STCF07 protection features
8.6.1
Peak current and short-circuit protection
When the peak inductor current exceeds the maximum switch peak current limit of 2.3 A, the
PWM controller turns off and is enabled at the next oscillation period.
8.6.2
Overvoltage protection
The device includes power failure protection, which stops the operation of the PWM
controller when the voltage at the pin VOUT exceeds the OVP threshold. When the voltage
on pin VOUT is reduced by OVHYST, the operation of the controller recovers automatically.
8.6.3
Thermal shutdown protection
Internal thermal shutdown protection switches off the device when the junction temperature
exceeds 140 °C (typ). The hysteresis comparator allows the PWM controller to restart
automatically when the temperature is reduced to 120 °C.
8.6.4
Sensing of LED temperature with the NTC resistor
The device is capable of switching off the power circuit when a high temperature on the LED
is detected. (see
Figure 5).
If the sensing LED temperature feature is not used, NTC pin must be left floating and RX pin
must be grounded.
Figure 4.
Startup: LED current rise time
T
ON < 2 ms
ENABLE
I
OUT
I
LED
T
ON < 2 ms
ENABLE
I
OUT
I
LED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com