Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2297 Datasheet (PDF) - Micrel Semiconductor

MIC2297 Datasheet PDF - Micrel Semiconductor
Part # MIC2297
Download  MIC2297 Download
File Size   272.88 Kbytes
Page   12 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 40V PWM Boost Regulator White LED Driver

MIC2297 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC2297 Datasheet PDF - Micrel Semiconductor

Part # MIC2297
Download  MIC2297 Click to download

File Size   272.88 Kbytes
Page   12 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 40V PWM Boost Regulator White LED Driver

MIC2297 Datasheet (HTML) - Micrel Semiconductor


MIC2297 Product details

General Description
The MIC2297 is a 600KHz PWM boost-switching regulator that is optimized for driving 6-10 series white LEDs. With its internal 40V switch and a guaranteed switch current of 1.2A, the MIC2297 easily drives a string of 10 white LEDs in series at 20mA, ensuring a high level of brightness and eliminating several ballast resistors.

Features
• 2.5V to 10V input voltage range
• Output voltage up to 40V
• 1.2A switch current
• 600KHz PWM operation
• Trimmed 200mV feedback voltage
• Output over voltage protection (fixed or adjustable)
• PWM Brightness Control
• DAC Brightness Control
• <1% line regulation
• 1µA shutdown current
• Over temperature protection
• UVLO
• 10-pin 2.5mm x 2.5mm MLF® package
• –40°C to +125°C junction temperature range

Applications
• PDAs
• GPS systems
• Smart phones
• Mini PCs
• Digital cameras
• IP phones
• LED flashlights




Similar Part No. - MIC2297

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2297 MICREL-MIC2297 Datasheet
281Kb / 11P
40V PWM Boost Regulator White LED Driver
MIC2297-15YML MICREL-MIC2297-15YML Datasheet
281Kb / 11P
40V PWM Boost Regulator White LED Driver
MIC2297-42YML MICREL-MIC2297-42YML Datasheet
281Kb / 11P
40V PWM Boost Regulator White LED Driver
MIC2297 MICREL-MIC2297_08 Datasheet
281Kb / 11P
40V PWM Boost Regulator White LED Driver
More results


Similar Description - MIC2297

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7630 INTERSIL-EL7630 Datasheet
223Kb / 7P
White LED Boost Regulator
June 28, 2005
EL7630 INTERSIL-EL7630_06 Datasheet
222Kb / 7P
White LED Boost Regulator
February 22, 2006
logo
Micrel Semiconductor
MIC2297 MICREL-MIC2297_08 Datasheet
281Kb / 11P
40V PWM Boost Regulator White LED Driver
logo
Alpha & Omega Semicondu...
AOZ1950 AOSMD-AOZ1950 Datasheet
1Mb / 14P
Boost Regulator White LED Driver
logo
Global Mixed-mode Techn...
G2542 GMT-G2542 Datasheet
118Kb / 1P
6-Channels 40V White LED Driver with Boost Regulator
G2541 GMT-G2541 Datasheet
120Kb / 1P
6-Channels 40V White LED Driver with Boost Regulator
logo
Renesas Technology Corp
EL7630 RENESAS-EL7630 Datasheet
388Kb / 7P
White LED Boost Regulator
logo
ETA SOLUTIONS CO. LIMIT...
ETA1165 ETA-ETA1165 Datasheet
195Kb / 1P
40V Step-Up Regulator for White LED Driver with PWM Dimming
ETA1168 ETA-ETA1168 Datasheet
219Kb / 1P
40V Step-Up Regulator for White LED Driver with PWM Dimming
logo
Shenzhen Huazhimei Semi...
HM5668 HMSEMI-HM5668 Datasheet
649Kb / 6P
40V Step-Up Regulator for White LED Driver with PWM Dimming
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com