Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2297 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC2297
Description  40V PWM Boost Regulator White LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2297 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC2297 Datasheet HTML 1Page - Micrel Semiconductor MIC2297 Datasheet HTML 2Page - Micrel Semiconductor MIC2297 Datasheet HTML 3Page - Micrel Semiconductor MIC2297 Datasheet HTML 4Page - Micrel Semiconductor MIC2297 Datasheet HTML 5Page - Micrel Semiconductor MIC2297 Datasheet HTML 6Page - Micrel Semiconductor MIC2297 Datasheet HTML 7Page - Micrel Semiconductor MIC2297 Datasheet HTML 8Page - Micrel Semiconductor MIC2297 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Micrel, Inc.
MIC2297
May 2005
2
M9999-050305
(408) 955-1690
Ordering Information
Part Number
Lead Finish
Output Over
Voltage Protection
Junction Temperature
Range
Package
MIC2297-15YML
Pb-Free
15V
-40
°C to 125°C
2.5mm x2.5mm MLF™-10L
MIC2297-42YML
Pb-Free
42V
-40
°C to 125°C
2.5mm x2.5mm MLF™-10L
Pin Configuration
COMP
AGND
5
1
PGND
OVP
VIN
EN
10 SW
FB
REF
BRT
9
8
7
2
3
4
6
Pin Description
Pin Number
Pin Name
Pin Function
1
PGND
Ground (Return).
2
OVP
Over Voltage Protection (Input): Connect to the output to
clamp the maximum output voltage. A resistor divider from
this pin to ground could be used to raise the OVP level of
the 15V OVP option.
3
VIN
Supply (Input): Input voltage.
4
EN
Enable (Input): Logic high enables regulator. Logic low shuts
down regulator.
5
COMP
Compensation Pin.
6
AGND
Analog Ground.
7
BRT
Brightness Control (Input): Either an analog (DAC) or filtered
PWM signal can be used. The gain equation is: VFB =
VBRT / 5. This pin should be left open if the brightness
function is not used. In that case, the FB will be set to its
default value of 200mV.
8
REF
Reference Voltage (Output): This node is equal to the
voltage on the FB pin. A capacitor from REF to ground
should be used to filter the BRT voltage if PWM dimming is
implemented. A capacitor from REF to ground can also be
used to implement a soft-start function. This pin can be left
open if not used.
9
FB
Feedback (Input): Output voltage sense node. Default value
is 200mV. Connect the cathode of the LED chain to this pin.
Connect current set resistor from this pin to ground.
10
SW
Switch Node (Output): Internal power BIPOLAR collector.
EPad
GND
Ground (Return): Backside pad.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com