Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6691 Datasheet(PDF) 5 Page - Sipex Corporation

Part # SP6691
Description  Micro Power Boost Regulator Series White LED Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6691 Datasheet(HTML) 5 Page - Sipex Corporation

  SP6691 Datasheet HTML 1Page - Sipex Corporation SP6691 Datasheet HTML 2Page - Sipex Corporation SP6691 Datasheet HTML 3Page - Sipex Corporation SP6691 Datasheet HTML 4Page - Sipex Corporation SP6691 Datasheet HTML 5Page - Sipex Corporation SP6691 Datasheet HTML 6Page - Sipex Corporation SP6691 Datasheet HTML 7Page - Sipex Corporation SP6691 Datasheet HTML 8Page - Sipex Corporation SP6691 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
Date: 5/25/04
SP6691 Micro Power Boost Regualtor, Series White LED Driver
© Copyright 2004 Sipex Corporation5
PERFORMANCE CHARACTERISTICS: Continued
Refer to the typical application circuit, TAMB = 25°C, unless otherwise specified.
Figure 7. 21V Output Efficiency
Figure 8. 21V Output Load Regulation
Figure 9. 24V Output Efficiency
Figure 10. 24V Output Load Regulation
Figure 11. 30V Output Efficiency
Figure 12. 30V Output Load Regulation
Vout = 21V Efficiency
50
60
70
80
90
010
20
3040
5060
70
Iout (mA)
Vin =
5.0V
Vin =
4.2V
Vin =
33V
Vout = 21V Load Regulation
20.0
20.5
21.0
21.5
22.0
010
20
304050
6070
Iout (mA)
Vin =
5.0V
Vin =
4.2V
Vin =
33V
Vout = 24V Efficiency
50
60
70
80
90
010
20
30405060
Iout (mA)
Vin =
5.0V
Vin =
4.2V
Vin =
33V
Vout = 24V Load Regulation
23.0
23.5
24.0
24.5
25.0
010
20
30405060
Iout (mA)
Vin =
5.0V
Vin =
4.2V
Vin =
33V
Vout = 30V Efficiency
40
50
60
70
80
90
05
10
15
20
25
30
Iout (mA)
Vin =
5.0V
Vin =
4.2V
Vin =
33V
Vout = 30V Load Regulation
29.0
29.5
30.0
30.5
31.0
05
10
15
20
25
30
Iout (mA)
Vin =
5.0V
Vin =
4.2V
Vin =
33V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com