Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6691 Datasheet(PDF) 6 Page - Sipex Corporation

Part # SP6691
Description  Micro Power Boost Regulator Series White LED Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6691 Datasheet(HTML) 6 Page - Sipex Corporation

Back Button SP6691 Datasheet HTML 2Page - Sipex Corporation SP6691 Datasheet HTML 3Page - Sipex Corporation SP6691 Datasheet HTML 4Page - Sipex Corporation SP6691 Datasheet HTML 5Page - Sipex Corporation SP6691 Datasheet HTML 6Page - Sipex Corporation SP6691 Datasheet HTML 7Page - Sipex Corporation SP6691 Datasheet HTML 8Page - Sipex Corporation SP6691 Datasheet HTML 9Page - Sipex Corporation SP6691 Datasheet HTML 10Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
Date: 5/25/04
SP6691 Micro Power Boost Regualtor, Series White LED Driver
© Copyright 2004 Sipex Corporation
PERFORMANCE CHARACTERISTICS: Continued
Refer to the typical application circuit, TAMB = 25°C, unless otherwise specified.
Figure 13. Quiescent Current IQ vs. VIN
Figure 14. Shutdown Pin Current vs. VIN
Figure 15. IPK Current Limit vs. VIN
Figure 17. Feedback Voltage vs. Temperature
0
5
10
15
20
25
1.2
1.8
2.4
3
3.6
4.2
4.8
5.4
Input Voltage (V)
Tamb=-25C
Tamb=25C
Tamb=85C
0
2
4
6
8
10
1.2
1.8
2.4
3
3.6
4.2
4.8
5.4
Input Voltage (V)
0
100
200
300
400
500
600
1.2
1.8
2.4
3
3.6
4.2
4.8
5.4
Input Voltage (V)
1.20
1.21
1.22
1.23
1.24
1.25
-30
-10
10
30
50
70
90
Temperature (C)
Figure 16. Switch Saturation Voltage VCESAT vs.
Temperature (ISW = 450mA)
Figure 18. Average IO vs. SHDN Duty Cycle (VIN=3.3V,
Standard 4x20mA WLED Evaluation Board, PWM
Frequency 100Hz
0
50
100
150
200
250
300
350
400
-30
-10
10
30
50
70
90
Temperature (C)
0
4
8
12
16
20
020
406080
100
PWM Duty Cycle (%)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com