Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES2M Datasheet (PDF) - Shenzhen Yixinwei Technology Co., Ltd.

ES2M Datasheet PDF - Shenzhen Yixinwei Technology Co., Ltd.
Part # ES2M
Download  ES2M Download
File Size   551.88 Kbytes
Page   3 Pages
Manufacturer  YIXIN [Shenzhen Yixinwei Technology Co., Ltd.]
Direct Link  http://www.szyxwkj.com
Logo YIXIN - Shenzhen Yixinwei Technology Co., Ltd.
Description SURFACE MOUNT SUPER FAST RECTIFIER

ES2M Datasheet (PDF)

Go To PDF Page Download Datasheet
ES2M Datasheet PDF - Shenzhen Yixinwei Technology Co., Ltd.

Part # ES2M
Download  ES2M Click to download

File Size   551.88 Kbytes
Page   3 Pages
Manufacturer  YIXIN [Shenzhen Yixinwei Technology Co., Ltd.]
Direct Link  http://www.szyxwkj.com
Logo YIXIN - Shenzhen Yixinwei Technology Co., Ltd.
Description SURFACE MOUNT SUPER FAST RECTIFIER

ES2M Datasheet (HTML) - Shenzhen Yixinwei Technology Co., Ltd.


ES2M Product details

FEATURES
♦ Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
♦ ​​​​​​​Compliant. See ordering information)
♦ Case Material: Molded Plastic. UL Flammability
♦ Classification Rating 94V-0 and MSL rating 1
♦ Easy Pick And Place
♦ High Temp Soldering: 260°C for 10 Seconds At Terminals
♦ Ultrafast Recovery Times For High Efficiency

Mechanical Data
   Case: JEDEC DO-214AA molded plastic body over passivated chip
   Terminals: Solder plated, solderable per MIL-STD-750,
   Method 2026
   Polarity: Color band denotes cathode end
   Mounting Position: Any
   Weight: 0.005 ounce, 0.138 grams




Similar Part No. - ES2M

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
ES2M MCC-ES2M Datasheet
902Kb / 3P
2 Amp Super Fast Recovery Silicon Rectifier 50 to 1000 Volts
logo
SHENZHEN YONGERJIA INDU...
ES2M WINNERJOIN-ES2M Datasheet
414Kb / 3P
Fast RecoverySilicon Rectifier
logo
Microdiode Semiconducto...
ES2M CHENDA-ES2M Datasheet
877Kb / 3P
SURFACE MOUNT SUPER FAST RECTIFIER
logo
Micro Commercial Compon...
ES2M MCC-ES2M Datasheet
285Kb / 4P
2 Amp Ultra Fast Recovery Silicon Rectifier 50 to 1000 Volts
logo
Shenzhen Yixinwei Techn...
ES2M YIXIN-ES2M Datasheet
272Kb / 3P
SURFACE MOUNT SUPER FAST RECTIFIER
More results


Similar Description - ES2M

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
ES2A DIOTECH-ES2A Datasheet
855Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER
ES3A DIOTECH-ES3A Datasheet
882Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER
logo
Formosa MS
ES3A FORMOSA-ES3A Datasheet
118Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER
logo
Sangdest Microelectroni...
ER2A SMC-ER2A Datasheet
157Kb / 4P
SURFACE MOUNT SUPER FAST RECTIFIER
ER5A SMC-ER5A Datasheet
160Kb / 4P
SURFACE MOUNT SUPER FAST RECTIFIER
logo
Unisonic Technologies
ES1D UTC-ES1D Datasheet
117Kb / 3P
SURFACE MOUNT SUPER FAST RECTIFIER
ES2D UTC-ES2D Datasheet
117Kb / 3P
SURFACE MOUNT SUPER FAST RECTIFIER
logo
Microdiode Semiconducto...
ER07A CHENDA-ER07A Datasheet
588Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com