Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ER2A Datasheet (PDF) - Sangdest Microelectronic (Nanjing) Co., Ltd

ER2A Datasheet PDF - Sangdest Microelectronic (Nanjing) Co., Ltd
Part # ER2A
Download  ER2A Download
File Size   157.89 Kbytes
Page   4 Pages
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd
Description SURFACE MOUNT SUPER FAST RECTIFIER

ER2A Datasheet (PDF)

Go To PDF Page Download Datasheet
ER2A Datasheet PDF - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # ER2A
Download  ER2A Click to download

File Size   157.89 Kbytes
Page   4 Pages
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd
Description SURFACE MOUNT SUPER FAST RECTIFIER

ER2A Datasheet (HTML) - Sangdest Microelectronic (Nanjing) Co., Ltd


ER2A Product details

SURFACE MOUNT SUPER FAST RECTIFIER

Features:
• Glass Passivated Die Construction
• Ideally Suited for Automatic Assembly
• Low Forward Overload Drop, High Efficiency
• Surge Overload Rating to 30A Peak
• Low Power Loss
• Super-Fast Recovery Time
• Plastic Case Material has UL Flammability Classification Rating 94V-O
• This is a Pb − Free Device
• All SMC parts are traceable to the wafer lot
• Additional testing can be offered upon request




Similar Part No. - ER2A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
ER2A PANJIT-ER2A Datasheet
64Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER(VOLTAGE - 50 to 600 Volts CURRENT - 2.0 Amperes)
logo
Surge Components
ER2A SURGE-ER2A Datasheet
84Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER VOLTAGE - 50 - 600 Volts CURRENT - 2.0 Amperes
logo
Transys Electronics
ER2A TRSYS-ER2A Datasheet
162Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER
logo
Won-Top Electronics
ER2A WTE-ER2A Datasheet
51Kb / 3P
2.0A SURFACE MOUNT SUPER FAST RECTIFIER
logo
Dc Components
ER2A DCCOM-ER2A Datasheet
534Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SUPER FAST RECTIFIER
More results


Similar Description - ER2A

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
ES2A DIOTECH-ES2A Datasheet
855Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER
ES3A DIOTECH-ES3A Datasheet
882Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER
logo
Formosa MS
ES3A FORMOSA-ES3A Datasheet
118Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER
logo
Sangdest Microelectroni...
ER5A SMC-ER5A Datasheet
160Kb / 4P
SURFACE MOUNT SUPER FAST RECTIFIER
logo
List of Unclassifed Man...
ES1AF ETC2-ES1AF Datasheet
526Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER
logo
Unisonic Technologies
ES1D UTC-ES1D Datasheet
117Kb / 3P
SURFACE MOUNT SUPER FAST RECTIFIER
ES2D UTC-ES2D Datasheet
117Kb / 3P
SURFACE MOUNT SUPER FAST RECTIFIER
logo
Microdiode Semiconducto...
ER07A CHENDA-ER07A Datasheet
588Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com