Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3638 Datasheet (PDF) - Linear Technology

LTC3638 Datasheet PDF - Linear Technology
Part # LTC3638
Download  LTC3638 Download
File Size   2238.13 Kbytes
Page   38 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description 150V Low IQ, Synchronous Step-Down DC/DC Controller

LTC3638 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC3638 Datasheet PDF - Linear Technology

Part # LTC3638
Download  LTC3638 Click to download

File Size   2238.13 Kbytes
Page   38 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description 150V Low IQ, Synchronous Step-Down DC/DC Controller

LTC3638 Datasheet (HTML) - Linear Technology




Similar Part No. - LTC3638

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3638 LINER-LTC3638 Datasheet
614Kb / 26P
High Efficiency, 140V 250mA Step-Down Regulator
LTC3638 LINER-LTC3638 Datasheet
2Mb / 38P
150V Low IQ, Synchronous Step-Down DC/DC Controller
logo
Analog Devices
LTC3638 AD-LTC3638 Datasheet
1Mb / 32P
140V High Efficiency Switching Surge Stopper
logo
Linear Technology
LTC3638 LINER-LTC3638_15 Datasheet
614Kb / 26P
High Efficiency, 140V 250mA Step-Down Regulator
More results


Similar Description - LTC3638

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3890 LINER-LTC3890 Datasheet
441Kb / 36P
60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3890-1 LINER-LTC3890-1 Datasheet
504Kb / 36P
60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3890-3 LINER-LTC3890-3 Datasheet
1Mb / 40P
60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3890-3 LINER-LTC3890-3_15 Datasheet
1Mb / 40P
60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3890-1 LINER-LTC3890-1_15 Datasheet
882Kb / 36P
60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3892 LINER-LTC3892_15 Datasheet
1Mb / 36P
60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3894 LINER-LTC3894 Datasheet
1Mb / 32P
150V Low IQ Step-Down DC/DC Controller with 100% Duty Cycle Capability
LTC7810 LINER-LTC7810 Datasheet
543Kb / 40P
150V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3892 LINER-LTC3892 Datasheet
1Mb / 38P
60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC7801 LINER-LTC7801 Datasheet
2Mb / 38P
150V Low IQ, Synchronous Step-Down DC/DC Controller
More results




About Linear Technology


Linear Technology was a publicly traded company that designed, manufactured, and marketed a wide range of analog integrated circuits (ICs) for applications in industrial, automotive, communications, and computing industries.
The company was founded in 1981 and was headquartered in Milpitas, California.
Linear Technology was acquired by Analog Devices, Inc. in 2017.
Linear Technology was known for its high-performance analog ICs, including amplifiers, voltage regulators, data converters, power management ICs, and interface products.
The company's products were designed for use in a variety of applications, including automotive, industrial, and energy management systems, among others.
With a focus on innovation and customer satisfaction, Linear Technology was committed to providing its customers with high-quality, reliable solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com