Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3638 Datasheet (PDF) - Linear Technology

LTC3638 Datasheet PDF - Linear Technology
Part # LTC3638_15
Download  LTC3638 Download
File Size   614.55 Kbytes
Page   26 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description High Efficiency, 140V 250mA Step-Down Regulator

LTC3638 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC3638 Datasheet PDF - Linear Technology

Part # LTC3638_15
Download  LTC3638 Click to download

File Size   614.55 Kbytes
Page   26 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description High Efficiency, 140V 250mA Step-Down Regulator

LTC3638 Datasheet (HTML) - Linear Technology




Similar Part No. - LTC3638_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3638 LINER-LTC3638 Datasheet
614Kb / 26P
High Efficiency, 140V 250mA Step-Down Regulator
LTC3638 LINER-LTC3638 Datasheet
2Mb / 38P
150V Low IQ, Synchronous Step-Down DC/DC Controller
LTC3638 LINER-LTC3638 Datasheet
2Mb / 38P
150V Low IQ, Synchronous Step-Down DC/DC Controller
logo
Analog Devices
LTC3638 AD-LTC3638 Datasheet
1Mb / 32P
140V High Efficiency Switching Surge Stopper
More results


Similar Description - LTC3638_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1878 LINER-LTC1878 Datasheet
225Kb / 16P
High Efficiency Monolithic Synchronous Step-Down Regulator
logo
Rohm
BD9137MUV ROHM-BD9137MUV Datasheet
590Kb / 17P
High Efficiency Step-down Switching Regulator
logo
STMicroelectronics
L6928 STMICROELECTRONICS-L6928_11 Datasheet
194Kb / 16P
High efficiency monolithic synchronous step down regulator
11-Apr-2011
logo
Linear Technology
LTC3639 LINER-LTC3639 Datasheet
373Kb / 24P
High Efficiency, 150V High Efficiency, 150V Step-Down Regulator
LTC1147-5 LINER-LTC1147-5_15 Datasheet
228Kb / 16P
High Efficiency Step-Down Switching Regulator Controllers
LTC7138 LINER-LTC7138_15 Datasheet
478Kb / 24P
High Efficiency, 140V 400mA Step-Down Regulator
LTC3613EWKH LINER-LTC3613EWKH Datasheet
189Kb / 6P
Fast, High Efficiency Step-Down Regulator
LTC3638 LINER-LTC3638 Datasheet
614Kb / 26P
High Efficiency, 140V 250mA Step-Down Regulator
LTC7138 LINER-LTC7138 Datasheet
478Kb / 24P
High Efficiency, 140V 400mA Step-Down Regulator
logo
Shenzhen Huazhimei Semi...
LM2575HV HMSEMI-LM2575HV Datasheet
2Mb / 13P
Simple high-efficiency step-down (buck) regulator
More results




About Linear Technology


Linear Technology was a publicly traded company that designed, manufactured, and marketed a wide range of analog integrated circuits (ICs) for applications in industrial, automotive, communications, and computing industries.
The company was founded in 1981 and was headquartered in Milpitas, California.
Linear Technology was acquired by Analog Devices, Inc. in 2017.
Linear Technology was known for its high-performance analog ICs, including amplifiers, voltage regulators, data converters, power management ICs, and interface products.
The company's products were designed for use in a variety of applications, including automotive, industrial, and energy management systems, among others.
With a focus on innovation and customer satisfaction, Linear Technology was committed to providing its customers with high-quality, reliable solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com