Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1185 Datasheet (PDF) - Linear Technology

LT1185 Datasheet PDF - Linear Technology
Part # LT1185
Download  LT1185 Download
File Size   558.25 Kbytes
Page   26 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description 800mA Single Resistor Rugged Linear Regulator

LT1185 Datasheet (PDF)

Go To PDF Page Download Datasheet
LT1185 Datasheet PDF - Linear Technology

Part # LT1185
Download  LT1185 Click to download

File Size   558.25 Kbytes
Page   26 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description 800mA Single Resistor Rugged Linear Regulator

LT1185 Datasheet (HTML) - Linear Technology




Similar Part No. - LT1185

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1185 LINER-LT1185 Datasheet
211Kb / 16P
Low Dropout Regulator
LT1185 LINER-LT1185 Datasheet
179Kb / 16P
Low Dropout Regulator
LT1185 LINER-LT1185 Datasheet
264Kb / 28P
Adjustable 3A Single Resistor Low Dropout Regulator
LT1185 LINER-LT1185 Datasheet
543Kb / 20P
1.5A, Low Noise, Negative Linear Regulator
LT1185 LINER-LT1185 Datasheet
370Kb / 28P
1.5A Low Noise Fast Transient Response LDO Regulators
More results


Similar Description - LT1185

ManufacturerPart #DatasheetDescription
logo
Linear Dimensions Semic...
LT3081 LINEAR_DIMENSIONS-LT3081 Datasheet
1Mb / 28P
1.5A Single Resistor Rugged Linear Regulator with Monitors
logo
Linear Technology
LT3081 LINER-LT3081_15 Datasheet
469Kb / 32P
1.5A Single Resistor Rugged Linear Regulator with Monitors
LT3088 LINER-LT3088_15 Datasheet
710Kb / 26P
800mA Single Resistor Rugged Linear Regulator
logo
Linear Integrated Syste...
LT3089 LINEAR-LT3089 Datasheet
1Mb / 28P
800mA Single Resistor Rugged Linear Regulator with Monitors
logo
Linear Technology
LT3081 LINER-LT3081 Datasheet
287Kb / 6P
1.5A Single Resistor Rugged Linear Regulator with Monitors
LT3088EDD LINER-LT3088EDD Datasheet
627Kb / 6P
800mA Single Resistor Rugged Linear Regulator
LT3089EDF LINER-LT3089EDF Datasheet
685Kb / 6P
800mA Rugged Linear Regulator with Monitors
LT3089 LINER-LT3089 Datasheet
1Mb / 28P
800mA Single Resistor Rugged Linear Regulator with Monitors
logo
SHIKUES Electronics
SK1117A SKTECHNOLGY-SK1117A Datasheet
2Mb / 6P
800mA Bipolar Linear Regulator
logo
ACE Technology Co., LTD...
ACE51117C ACE-ACE51117C Datasheet
202Kb / 3P
800mA Bipolar Linear Regulator
VER 1.1
More results




About Linear Technology


Linear Technology was a publicly traded company that designed, manufactured, and marketed a wide range of analog integrated circuits (ICs) for applications in industrial, automotive, communications, and computing industries.
The company was founded in 1981 and was headquartered in Milpitas, California.
Linear Technology was acquired by Analog Devices, Inc. in 2017.
Linear Technology was known for its high-performance analog ICs, including amplifiers, voltage regulators, data converters, power management ICs, and interface products.
The company's products were designed for use in a variety of applications, including automotive, industrial, and energy management systems, among others.
With a focus on innovation and customer satisfaction, Linear Technology was committed to providing its customers with high-quality, reliable solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com