Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

130C Datasheet (PDF) - 3M Electronics

130C Datasheet PDF - 3M Electronics
Part # 130C
Download  130C Download
File Size   115.3 Kbytes
Page   3 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description Linerless Rubber Splicing Tape 130C

130C Datasheet (PDF)

Go To PDF Page Download Datasheet
130C Datasheet PDF - 3M Electronics

Part # 130C
Download  130C Click to download

File Size   115.3 Kbytes
Page   3 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description Linerless Rubber Splicing Tape 130C

130C Datasheet (HTML) - 3M Electronics


130C Product details

Description
Scotch® Linerless Rubber Splicing Tape 130C is a highly conformable, linerless, ethylene rubber (EPR), high-voltage insulating tape, formulated to provide excellent thermal dissipation of splice heat. The tape is designed for use in splicing and terminating wires and cables. Rated up to 90˚C continuous operating temperatures and short-term 130˚C overload service. The tape has excellent physical and electrical properties, which provide immediate moisture seals and void-free buildups. This product can be used for low and high-voltage (through 69 kV) applications.

Features
■ Linerless, self-bonding, primary insulating tape rated through 69 kV
■ High thermal conductivity
■ Ethylene propylene base
■ Excellent physical and electrical properties
■ Designed to insulate splices and terminate cables whose overload temperatures
■ can reach 130˚C
■ Physical and electrical properties unaffected by degree of stretch
■ Compatible with common, solid dielectric cable insulation
■ Uniform tape unwind from roll
■ Small roll size (O.D.)
■ Five-year shelf life
■ Stable over wide application temperature range
■ Weather resistant Data Sheet November 2017

Applications
■ Primary insulation for splicing all types of solid dielectric insulated cables through 69 kV
■ Primary insulation for building stress cones on all types of solid dielectric insulated cables up to
■ 35 kV bus bar insulation
■ Jacketing (secondary insulation) on high-voltage splices and terminations
■ Moisture-sealing electrical connections
■ Bus bar insulation
■ End-sealing high-voltage cables
■ Motor leads
■ Jacket repairs Specifications The high-voltage corona resistant tape must be supplied without a liner, be based on ethylene propylene rubber, and be capable of emergency operating cable temperature of 130˚C. The tape must be capable of being applied in either stretched or unstretched conditions without resulting in loss of either physical or electrical properties. The tape must not split, crack, slip, or flag when exposed to various environments (indoor or outdoor). The tape must be compatible with all synthetic cable insulations and have a shelf life of five years. Engineering /Architectural Splicing and terminating solid dielectric cable shall be done in accordance with drawings engineered by the splice material manufacturer. All splices and terminations shall be insulated using Scotch® Linerless Rubber Splicing Tape 130C.




Similar Part No. - 130C

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
130 SUNMATE-130 Datasheet
110Kb / 2P
1.3 Watts Axial Leaded Zener Diodes
logo
Witten Company, Inc.
130 WITTEN-130 Datasheet
120Kb / 1P
THREADED INSERT, BLIND, REGULAR HEAD STYLE LIGHT DUTY
logo
France Joint
130 FRANCEJOINT-130 Datasheet
441Kb / 2P
GAMMA SEALS
logo
CEE Norm UK Ltd
130 CEENORM-130 Datasheet
1Mb / 4P
Socket Outlets
logo
Walther-Werke
130 WALTHER-130 Datasheet
958Kb / 2P
Sockets IP 44
More results


Similar Description - 130C

ManufacturerPart #DatasheetDescription
logo
3M Electronics
2242 3M-2242 Datasheet
25Kb / 2P
Linerless Electrical Rubber Tape
2155 3M-2155 Datasheet
46Kb / 2P
Temflex™ 2155 Rubber Splicing Tape
9969B 3M-9969B Datasheet
201Kb / 2P
Repulpable Single-Coated Printable Splicing Tape
Mar-2014
9974B 3M-9974B Datasheet
29Kb / 2P
Repulpable Double-Coated General Purpose Splicing Tape
01-Aug-1999
9038B 3M-9038B Datasheet
206Kb / 2P
Repulpable Double-Coated Web Splicing Tape
900 3M-900 Datasheet
138Kb / 6P
3M™ Repulpable Double-Coated Splicing Tape 900
Jun-2017
900B 3M-900B Datasheet
138Kb / 6P
3M??Repulpable Double-Coated Splicing Tape
253 3M-253 Datasheet
14Kb / 2P
Silicone Splicing Tape
05-May-2002
9960 3M-9960 Datasheet
44Kb / 2P
Repulpable Single-Coated Splicing Tape
Nov-2007
5550 3M-5550 Datasheet
52Kb / 4P
Cold Shrink] Rubber Splicing Kits
1996
More results




About 3M Electronics


3M Electronics is a division of 3M, a multinational conglomerate corporation based in St. Paul, Minnesota.

3M Electronics is focused on the design, manufacturing, and marketing of electronics and electrical products, including interconnect and electromechanical solutions, passive and active electronic components, and electronic materials and adhesives.

The company serves a wide range of industries, including aerospace and defense, automotive, consumer electronics, industrial, and medical electronics.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com