Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5550 Datasheet (PDF) - 3M Electronics

5550 Datasheet PDF - 3M Electronics
Part # 5550
Download  5550 Download
File Size   52.68 Kbytes
Page   4 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description Cold Shrink] Rubber Splicing Kits

5550 Datasheet (PDF)

Go To PDF Page Download Datasheet
5550 Datasheet PDF - 3M Electronics

Part # 5550
Download  5550 Click to download

File Size   52.68 Kbytes
Page   4 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description Cold Shrink] Rubber Splicing Kits

5550 Datasheet (HTML) - 3M Electronics


5550 Product details

1. Product Description
3M] 5550 Series Cold Shrink] Rubber Splicing Kits are
designed for splicing 5/8 kV shielded and non-shielded, solid
dielectric, power cables. Each kit contains all the materials
(except connectors) required to construct 3 single-conductor
splices on tape shield, wire shield, UniShield] or
non-shielded cables. The kits are sized to fit cables with
copper or aluminum conductors ranging from 6 AWG to
1000 kcmil.
The splices are designed for use with Scotchlok] 10,000,
11,000 and 20,000 Series Inline Compression Connectors, or
any UL listed inline compression connector meeting the
dimensional requirements for maximum connector lengths
listed in the table found in section 2B of this reference.
(UniShield is a registered trademark of BICC Cables).

Optional Grounding Accessory:
GS Series Ground Strap Assembly for use if splices are to be
individually grounded (not included with splice kit).
Features:
Complete kit: Everything included to make 3 splices (except
connectors).
Cold Shrink] Insulator and Jacket: Factory formed EPDM
installs quickly and void free.
Factory formed components: No thickness measuring
necessary.
Constant Force Spring: No soldering required for shield
ground connections.
Shielding Braid Sleeve: Single component provides 2
functions, metallic insulation shield and ground jumper.
No special tools required for installation.

2. Applications
3M 5550 Series Cold Shrink] Rubber Splicing Kits can be
used on cables with a rated operating temperature of 90C
and an emergency overload rating of 130C. Splices
constructed from these kits are rated for 5/8 kV and meet the
applicable requirements of IEEE Standard 404–1986.
To splice 5/8 kV shielded power cables:
For inline splicing.
For solid dielectric (XLP, EPR, HMPE) cables.
For 6 AWG to 1000 kcmil.
For copper or aluminum conductors.
For direct burial.
For indoor or outdoor locations.




Similar Part No. - 5550

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
5550 SEMTECH-5550 Datasheet
95Kb / 2P
HIGH VOLTAGE CAPACITORS MONOLITHIC CERAMIC TYPE
logo
Kemet Corporation
5550 KEMET-5550 Datasheet
5Mb / 66P
Aluminum Electrolytic Capacitors
logo
List of Unclassifed Man...
5550-2 ETC2-5550-2 Datasheet
523Kb / 1P
Adjustin screwdrivewri th
5550-3 ETC2-5550-3 Datasheet
523Kb / 1P
Adjustin screwdrivewri th
logo
Lapp.
55500800 LAPP-55500800 Datasheet
133Kb / 2P
SILVYN® KLICK GPZ-M
03.07.2018
More results


Similar Description - 5550

ManufacturerPart #DatasheetDescription
logo
3M Electronics
130C 3M-130C Datasheet
115Kb / 3P
Linerless Rubber Splicing Tape 130C
Rev D
2155 3M-2155 Datasheet
46Kb / 2P
Temflex™ 2155 Rubber Splicing Tape
SJ-1FB 3M-SJ-1FB Datasheet
76Kb / 4P
3M Cold Shrink Foldback Splice Jacket Kits
CXS 3M-CXS Datasheet
1Mb / 4P
3M??Cold Shrink Sealing Kit CXS Series
7620-S 3M-7620-S Datasheet
272Kb / 16P
3M??Cold Shrink QT-III Silicone Rubber Skirted and Inverted Skirted Termination Kits
7600-3G 3M-7600-3G Datasheet
371Kb / 15P
3M?줓old Shrink QT-III Silicone Rubber Three-Conductor Cable Termination Kits
5380 3M-5380 Datasheet
112Kb / 3P
Motor Lead Pigtail Splicing Kits
5300 3M-5300 Datasheet
85Kb / 4P
3M??Motor Lead Splicing Kits
82-F 3M-82-F Datasheet
89Kb / 3P
3M??Scotchcast??Flexible Power Cable Splicing Kits
logo
Bertech.
2059R BERTECH-2059R Datasheet
169Kb / 1P
ESD Rubber Mats & Mat Kits
More results




About 3M Electronics


3M Electronics is a division of 3M, a multinational conglomerate corporation based in St. Paul, Minnesota.

3M Electronics is focused on the design, manufacturing, and marketing of electronics and electrical products, including interconnect and electromechanical solutions, passive and active electronic components, and electronic materials and adhesives.

The company serves a wide range of industries, including aerospace and defense, automotive, consumer electronics, industrial, and medical electronics.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com