Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82-F Datasheet (PDF) - 3M Electronics

82-F Datasheet PDF - 3M Electronics
Part # 82-F
Download  82-F Download
File Size   89.32 Kbytes
Page   3 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description 3M™ Scotchcast™ Flexible Power Cable Splicing Kits

82-F Datasheet (PDF)

Go To PDF Page Download Datasheet
82-F Datasheet PDF - 3M Electronics

Part # 82-F
Download  82-F Click to download

File Size   89.32 Kbytes
Page   3 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description 3M™ Scotchcast™ Flexible Power Cable Splicing Kits

82-F Datasheet (HTML) - 3M Electronics


82-F Product details

Description
3M™ Scotchcast™ Flexible Power Cable Splicing Kits 82-F and 82-BF Series are flexible inline and tap splices for use on non-shielded portable power cables and cords. These splices are designed to be used on single or multiple conductor cables, depending on the voltage rating. The 82-F1 and 82-F2 inline splices will accommodate a single-conductor cable rated up to 5 kV or single and multiple conductor cables and cords rated up to 1000 Volts (600/2000 Volts mine portable cable rating). The combined cable diameter range for these two is 0.25 – 1.2 inches (6 – 30 mm), with a maximum single conductor size of 4/0 AWG. The 82-BF1 tap splice can accommodate cables and cords rated up to 1000 Volts (600/2000 Volts mine portable cable rating) ranging in diameter from 0.25 – 0.8 inches (6 – 20 mm) with a maximum single conductor size of 1/0 AWG. These splice kits are based on 3M™ Scotchcast™ Flame-Retardant Compound 2131 for toughness, flexibility, environmental protection and flame retardancy. The completed splices carry Mine Safety and Health Administration Acceptance 07-KA060002-MSHA when installed in accordance with the included instructions. Kit Contents Each kit contains the following materials as appropriate to make one splice or cable repair (connectors are not included due to kit range and conductor size specificity):  One-piece removable mold  3M™ Scotchcast™ Flame-Retardant Compound 2131  Scotch® Rubber Splicing Tape 23, for sealing mold ends  3M™ Three-M-Ite™ Elek-Tro-Cut™ Abrasive Cloth 80J Grit  Instructions showing proper installation techniques for splicing non-shielded portable power cables and cords

Features
■ MSHA Accepted – carries Mine Safety and Health Administration acceptance 07-
■ KA060002-MSHA
■ 3M™ Scotchcast™ Flame-Retardant Compound 2131 – self-curing resin bonds to itself and most modern cable jackets, and requires no torch or other external heat source; forms a splice or repair that is abrasion resistant and flame retardant
■ Semi-flexible compound – allows “permanent” splice to bend with cable; for installation, handling, reeling, etc.
■ Smooth tapered splice profile – eliminates cable hang-ups and splice end-lifting




Similar Part No. - 82-F

ManufacturerPart #DatasheetDescription
logo
Analog Devices
82-000196-01 AD-82-000196-01 Datasheet
1Mb / 94P
ADSP-21369 EZ-KIT Lite® Evaluation System Manual
Revision 2.4, July 2012
82-000225-01 AD-82-000225-01 Datasheet
354Kb / 34P
ICE-100B Emulator Users Guide
82-000226-01 AD-82-000226-01 Datasheet
1Mb / 75P
ADSP-BF506F EZ-KIT Lite짰 Evaluation System Manual
Revision 1.0 December2009
82-000269-01 AD-82-000269-01 Datasheet
1Mb / 98P
ADSP-BF609 EZ-KIT Lite® Evaluation System Manual
Revision 1.0, March 2012
82-000387-01 AD-82-000387-01 Datasheet
528Kb / 28P
PWM 180-Pin Probing Board Manual an EZ-Extender® product
Revision 1.0, September 2013
More results


Similar Description - 82-F

ManufacturerPart #DatasheetDescription
logo
3M Electronics
3100 3M-3100 Datasheet
29Kb / 3P
3M™ Mining Cable Splice Kits,
Aug-2009
9738 3M-9738 Datasheet
346Kb / 3P
3M Double Coated Splicing Tapes
Mar-2008
5380 3M-5380 Datasheet
112Kb / 3P
Motor Lead Pigtail Splicing Kits
5300 3M-5300 Datasheet
85Kb / 4P
3M??Motor Lead Splicing Kits
2104 3M-2104 Datasheet
77Kb / 4P
3M??Scotchcast??Electrical Insulating Resin 2104
291X 3M-291X Datasheet
151Kb / 2P
3M™ Polishing Films
January 2022
RP060GF 3M-RP060GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP060GF
May, 2022
RP230GF 3M-RP230GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP230GF
May, 2022
20433 3M-20433 Datasheet
78Kb / 3P
3M™ Hookit™ Sheet Pad
5550 3M-5550 Datasheet
52Kb / 4P
Cold Shrink] Rubber Splicing Kits
1996
More results




About 3M Electronics


3M Electronics is a division of 3M, a multinational conglomerate corporation based in St. Paul, Minnesota.

3M Electronics is focused on the design, manufacturing, and marketing of electronics and electrical products, including interconnect and electromechanical solutions, passive and active electronic components, and electronic materials and adhesives.

The company serves a wide range of industries, including aerospace and defense, automotive, consumer electronics, industrial, and medical electronics.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com